Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL324 Datasheet (PDF) - System Logic Semiconductor

SL324 Datasheet PDF - System Logic Semiconductor
Part # SL324
Download  SL324 Download
File Size   55.81 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Power Quad Operational Amplifier

SL324 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL324 Datasheet PDF - System Logic Semiconductor

Part # SL324
Download  SL324 Click to download

File Size   55.81 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Power Quad Operational Amplifier

SL324 Datasheet (HTML) - System Logic Semiconductor


SL324 Product details

The SL324 contains four independent high gain operational amplifiers with internal frequency compensation. The four op-amps operate over a wide voltage range from a single power supply. Also use a split power supply. The device has low power supply current drain, regardless of the power supply voltage. The low power drain also makes the SL324 a good choice for battery operation.

• Internally frequency compensated for unity gain
• Large DC voltage gain: 100dB
• Wide power supply range: 3V ~ 32V (or ±1.5V ~ ±16V)
• Input common-mode voltage range includes ground
• Large output voltage swing: 0V DC to VCC-1.5V DC
• Power drain suitable for battery operation
• Low input offset voltage and offset current
• Differential input voltage range equal to the power supply voltage




Similar Part No. - SL324

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL324R023 AMETHERM-SL324R023 Datasheet
158Kb / 1P
Circuit Protection Thermistors
SL324R023 AMETHERM-SL324R023 Datasheet
29Kb / 2P
Erin Landis
SL324R023-B AMETHERM-SL324R023-B Datasheet
158Kb / 1P
Circuit Protection Thermistors
SL324R023 AMETHERM-SL324R023_14 Datasheet
29Kb / 2P
Erin Landis
More results


Similar Description - SL324

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com