Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL324 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL324
Description  Low Power Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL324 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL324 Datasheet HTML 1Page - System Logic Semiconductor SL324 Datasheet HTML 2Page - System Logic Semiconductor SL324 Datasheet HTML 3Page - System Logic Semiconductor SL324 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL324
System Logic
Semiconductor
SLS
Low Power Quad Operational Amplifier
The SL324 contains four independent high gain operational
amplifiers with internal frequency compensation. The four op-amps
operate over a wide voltage range from a single power supply. Also
use a split power supply. The device has low power supply current
drain, regardless of the power supply voltage. The low power drain
also makes the SL324 a good choice for battery operation.
When your project calls for a traditional op-amp function, now you
can streamline your design with a simple single power supply. Use
ordinary +5VDC common to practically any digital system or personal
computer application, without requiring an extra 15V power supply just
to have the interface electronics you need.
The SL324 is a versatile, rugged workhorse with a thousand-and-
one uses, from amplifying signals from a variety of transducers to dc
gain blocks, or any op-amp function. The attached pages offer some
recipes that will have your project cooking in no time.
•
Internally frequency compensated for unity gain
•
Large DC voltage gain: 100dB
•
Wide power supply range:
3V ~ 32V (or
±1.5V ~ ±16V)
•
Input common-mode voltage range includes ground
•
Large output voltage swing: 0V DC to VCC-1.5V DC
•
Power drain suitable for battery operation
•
Low input offset voltage and offset current
•
Differential input voltage range equal to the power supply voltage
ORDERING INFORMATION
SL324N Plastic
SL324D SOIC
TA = 0
° to 70° C
for all packages.
LOGIC DIAGRAM
PIN 4 = VCC
PIN 11= GND
PIN ASSIGNMENT


Similar Part No. - SL324

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL324R023 AMETHERM-SL324R023 Datasheet
158Kb / 1P
Circuit Protection Thermistors
SL324R023 AMETHERM-SL324R023 Datasheet
29Kb / 2P
Erin Landis
SL324R023-B AMETHERM-SL324R023-B Datasheet
158Kb / 1P
Circuit Protection Thermistors
SL324R023 AMETHERM-SL324R023_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - SL324

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com