Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL386 Datasheet (PDF) - System Logic Semiconductor

SL386 Datasheet PDF - System Logic Semiconductor
Part # SL386
Download  SL386 Download
File Size   33.18 Kbytes
Page   3 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Voltage Audio Power AMP

SL386 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL386 Datasheet PDF - System Logic Semiconductor

Part # SL386
Download  SL386 Click to download

File Size   33.18 Kbytes
Page   3 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Voltage Audio Power AMP

SL386 Datasheet (HTML) - System Logic Semiconductor


SL386 Product details

Low Voltage Audio Power AMP



The SL386 is a power amplifier designed for use in low voltage consumer applications. The gain is internally set to 20 to keep external part count low, but the addition of an external resistor and capacitor between pins 1 and 8 will increase the gain to any value up to 200. The inputs are ground referenced while the output is automatically biased to one half the supply voltage. The quiescent powe r drain is only 24 milliwatts when operating from a 6  volt supply, making the SL386 ideal for battery operation.



·  Battery Operation

·  Minimum External Parts

·  Wide Supply Voltage Range: 4 V -12 V

·  Low Quiescent Current Drain: 4 mA

·  Voltage Gains from 20 to 200

·  Ground Referenced Input

·  Self-Centering Output Quiescent Voltage

·  Low Distortion

·  Eight Pin Dual -In -Line Package




Similar Part No. - SL386

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL38 BILIN-SL38 Datasheet
547Kb / 4P
Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL38 DAESAN-SL38 Datasheet
495Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
Programmable 4-PLL CG with VCXO and SSCG
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Similar Description - SL386

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0386A01 SAMSUNG-S1A0386A01 Datasheet
36Kb / 4P
LOW VOLTAGE AUDIO POWER AMP
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Integral Corp.
IL386 INTEGRAL-IL386 Datasheet
122Kb / 3P
Low Voltage Audio Power AMP
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KK386 KODENSHI-KK386 Datasheet
197Kb / 4P
Low Voltage Audio Power AMP
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
LA4289N PANASONIC-LA4289N Datasheet
55Kb / 1P
Audio Power AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com