Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL386 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL386
Description  Low Voltage Audio Power AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL386 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL386 Datasheet HTML 1Page - System Logic Semiconductor SL386 Datasheet HTML 2Page - System Logic Semiconductor SL386 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL386
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
15
V
VIN
Input Voltage
±0.4
V
PD
Power Dissipation
1.25
W
Tstg
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+300
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.0
12
V
TA
Operating Temperature, All Package Types
0
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
ELECTRICAL CHARACTERISTICS(T
A = 25
°C)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Typ
Max
V
+
Operating Supply
Voltage
4
12
V
I
+
Quiescent Current
V
+ = 6 V, V
IN = 0
8
mA
PO
Output Power
V
+= 6V, R
L =8
Ω, THD=10%
V
+= 9V, R
L =8
Ω, THD=10%
325
1000
mW
AV
Voltage Gain
V
+= 6V, f=1kHz
10
µF from Pin 1 and 8
26
46
dB
BW
Bandwidth
V
+= 6V, Pins 1 and 8 Open
250
KHz
THD
Total Harmonic
Distortion
V
+= 6V, R
L =8
Ω, P
OUT=125mW,
f=1kHz,
Pins 1 and 8 Open
3.0
%
PSRR
Power Supply Rejection
Ratio
V
+= 6V, f=1kHz, C
BYPASS=10
µF,
Pins 1 and 8 Open
45
dB
RIN
Input Resistance
30
80
K
Ω
IB
Input Bias Current
V
+= 6V, Pins 2 and 3 Open
250
nA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com