Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3G Datasheet (PDF) - Frontier Electronics.

US3G Datasheet PDF - Frontier Electronics.
Part # US3G
Download  US3G Download
File Size   129.93 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER

US3G Datasheet (PDF)

Go To PDF Page Download Datasheet
US3G Datasheet PDF - Frontier Electronics.

Part # US3G
Download  US3G Click to download

File Size   129.93 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER

US3G Datasheet (HTML) - Frontier Electronics.


US3G Product details

FEATURES
● LOW PROFILE PACKAGE
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY 94V-0
● IDEAL FOR SURFACE MOUNTED APPLICATION
● GLASS PASSIVATED CHIP JUNCTION
● BUILT-IN STRAIN RELIEF DESIGN
● ULTRA FAST RECOVERY TIME FOR HIGH EFFICIENT
● HIGH TEMPERATURE SOLDERING 250°C/10 SECONDS AT TERMINALS




Similar Part No. - US3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3G SSE-US3G Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3G SEMIKRON-US3G Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3G SEMIKRON-US3G Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results


Similar Description - US3G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU340 DIODES-PDU340 Datasheet
130Kb / 4P
3A ULTRA-FAST RECOVERY RECTIFIER
DS30758 Rev. 2 - 2
logo
Frontier Electronics.
BYT56A FRONTIER-BYT56A Datasheet
128Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
HER301 FRONTIER-HER301 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF5400-LFR FRONTIER-UF5400-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com