Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL7101 Datasheet (PDF) - System Logic Semiconductor

SL7101 Datasheet PDF - System Logic Semiconductor
Part # SL7101
Download  SL7101 Download
File Size   104.41 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description EARTH LEAKAGE CURRENT DETECTOR

SL7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL7101 Datasheet PDF - System Logic Semiconductor

Part # SL7101
Download  SL7101 Click to download

File Size   104.41 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description EARTH LEAKAGE CURRENT DETECTOR

SL7101 Datasheet (HTML) - System Logic Semiconductor


SL7101 Product details

Description

The  SL7101is designed for use in earth leakage circuit interrupters for operation directly of the AC Line in breakers. It contains pre regulator, main regulator, after regulator, differential amplifier, level comparator, latch circuit. The input in the differential amplifier is connect to the secondary node of zero current transformer. The level comparator generates high level when earth leakage current is greater than some level.



Feature

• Low Power Consumption (PD=5mW) 100V/200V

• 100V/200V Common Built-in Voltage Regulator

• High Gain Differential Amplifier

• High Input Sensitivity

• Minimum External Parts

• Large Surge Margin

• Wide Operating Temperature Range (TÀ=-30to 85°C)

• High Noise Immunity




Similar Part No. - SL7101

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
CC, CV Control for Battery Charger & Adaptor
logo
KODENSHI_AUK CORP.
SL71051 KODENSHI-SL71051 Datasheet
147Kb / 5P
Control for Battery Charger & Adaptor
logo
AUK corp
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
AUK corp
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
CC, CV Control for Battery Charger & Adaptor
More results


Similar Description - SL7101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com