Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69P819ZP3.8 Datasheet (PDF) - Motorola, Inc

MCM69P819ZP3.8 Datasheet PDF - Motorola, Inc
Part # MCM69P819ZP3.8
Download  MCM69P819ZP3.8 Download
File Size   274.71 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P819ZP3.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69P819ZP3.8 Datasheet PDF - Motorola, Inc

Part # MCM69P819ZP3.8
Download  MCM69P819ZP3.8 Click to download

File Size   274.71 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P819ZP3.8 Datasheet (HTML) - Motorola, Inc


MCM69P819ZP3.8 Product details

256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM

The MCM69P819 is a 4M bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPC™ and other high performance microprocessors. It is organized as 256K words of 18 bits each. This device integrates input registers, an output register, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K).
The MCM69P819 operates from a 3.3 V core power supply and all outputs operate on a 2.5 or 3.3 V power supply. All inputs and outputs are JEDEC standard JESD8–5 compatible.

• MCM69P819–3.5: 3.5 ns Access/6 ns Cycle (166 MHz)
   MCM69P819–3.8: 3.8 ns Access/6.7 ns Cycle (150 MHz)
   MCM69P819–4: 4 ns Access/7.5 ns Cycle (133 MHz)
• 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA and 100–Pin TQFP Packages




Similar Part No. - MCM69P819ZP3.8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5 MOTOROLA-MCM69P817ZP2.5 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5R MOTOROLA-MCM69P817ZP2.5R Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3 MOTOROLA-MCM69P817ZP3 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3.5 MOTOROLA-MCM69P817ZP3.5 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM69P819ZP3.8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com