Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4360-9 Datasheet (PDF) - Analog Devices

ADF4360-9 Datasheet PDF - Analog Devices
Part # ADF4360-9
Download  ADF4360-9 Download
File Size   1221.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock Generator PLL with Integrated VCO

ADF4360-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4360-9 Datasheet PDF - Analog Devices

Part # ADF4360-9
Download  ADF4360-9 Click to download

File Size   1221.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock Generator PLL with Integrated VCO

ADF4360-9 Datasheet (HTML) - Analog Devices


ADF4360-9 Product details

GENERAL DESCRIPTION

The ADF4360-9 is an integrated integer-N synthesizer and voltage-controlled oscillator (VCO). External inductors set the ADF4360-9 center frequency. This allows a VCO frequency range of between 65 MHz and 400 MHz.



FEATURES

Primary output frequency range: 65 MHz to 400 MHz

Auxiliary divider from 2 to 31, output from 1.1 MHz to 200 MHz

3.0 V to 3.6 V power supply

1.8 V logic compatibility

Integer-N synthesizer

Programmable output power level

3-wire serial interface

Digital lock detect

Software power-down mode



APPLICATIONS

System clock generation

Test equipment

Wireless LANs

CATV equipment




Similar Part No. - ADF4360-9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
ADF4360-9BCPZ AD-ADF4360-9BCPZ Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
ADF4360-9BCPZRL AD-ADF4360-9BCPZRL Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
More results


Similar Description - ADF4360-9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
14-Channel Clock Generator with Integrated 2.8 GHz VCO
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
logo
Asahi Kasei Microsystem...
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
Multi Output Clock Generator with Integrated 2.0GHz VCO
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
Clock Generator PLL with Integrated VCO
5/2016-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com