Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC257 Datasheet (PDF) - System Logic Semiconductor

HC257 Datasheet PDF - System Logic Semiconductor
Part # HC257
Download  HC257 Download
File Size   47.6 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Quad 2-Input Data Selector/Multiplexer with 3-State Outputs

HC257 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC257 Datasheet PDF - System Logic Semiconductor

Part # HC257
Download  HC257 Click to download

File Size   47.6 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Quad 2-Input Data Selector/Multiplexer with 3-State Outputs

HC257 Datasheet (HTML) - System Logic Semiconductor


HC257 Product details

The SL74HC257 is identical in pinout to the LS/ALS257. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
This device selects a (4-bit) nibble from either the A or B inputs as determined by the Select input. The nibble is presented at the outputs in noninverted from when the Output Enable pin is at a low level. A high level on the Output Enable pin switches the outputs into the high-impedance state.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 mA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - HC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC257 STMICROELECTRONICS-HC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
logo
Texas Instruments
HC257 TI-HC257 Datasheet
52Kb / 7P
High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Toshiba Semiconductor
HC257 TOSHIBA-HC257 Datasheet
250Kb / 6P
QUAD 2-CHANEL MULTIPLEXER (3-STATE)
logo
Hitachi Semiconductor
HC257 HITACHI-HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results


Similar Description - HC257

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC258 SLS-SL74HC258 Datasheet
66Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
KODENSHI_AUK CORP.
KK74HC258A KODENSHI-KK74HC258A Datasheet
226Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com