Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN11030 Datasheet (PDF) - SONiX Technology Company

SN11030 Datasheet PDF - SONiX Technology Company
Part # SN11030
Download  SN11030 Download
File Size   236.91 Kbytes
Page   8 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant

SN11030 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN11030 Datasheet PDF - SONiX Technology Company

Part # SN11030
Download  SN11030 Click to download

File Size   236.91 Kbytes
Page   8 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant

SN11030 Datasheet (HTML) - SONiX Technology Company


SN11030 Product details

General Description
SN11030 is a high-performance integrated circuit to bridge USB and CF/ATA/SM/Flash compliance devices. It provides a flexible and cost efficient single chip solution for external storage applications that intend to utilize the convenience of USB. To help the system manufacturers to build high quality, low cost USB storage systems, several special features are implemented. SN11030 can be easily configured to access CF, ATA device, SM, NAND type flash or any combination of the above.

Features
● 12 MHz USB 1.1 full-speed compatible.
● USB 1.1 Mass Storage Class compliant
● USB Mass Storage Class Bulk-Only Transport 1.0 supported
● USB Mass Storage Class SCSI transparent command set supported
● 12 characters of serial number and up to 28 characters of Vendor/Product/Revision string supported with external EEPROM
● Support PIO mode CF/ATA/ATAPI device
● Support 3.3V, 4Mbytes to 128 Mbytes SSFDC(SmartMedia Card), Type I/II CompactFlash card and MicroDrive.
● Support NAND-type flash memory, from 4Mbytes to 128 Mbytes.
● Real-time ECC correction circuit to ensure the data integrity and accelerate the access speed for SmartMedia/NAND-type flash.
● Built-in SRAM to support logical-to-physical address translation for SmartMedia/NAND-type flash to reduce cost and increase performance and reliability
● Supports Hot-Swapping among flash memory, CF card and SM card without un-plug USB.
● Built-in FIFO for upstream and downstream data transfer
● Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average),
● Pin selectable high-power (500mA) or low-power (100mA)
● 3 LED lightening pins available. One for CF, one for SM, and one for CF + SM (version 2 only)
● PC boot up capability provided (PC BIOS needs to support USB ZIP boot up) (version 2 only)
● No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
● Driver support Microsoft Windows 98
● Multiple icon driver support for Microsoft Windows 2000 and Mac OS 9
● Single 3.3V operation
● 80 pin LQFP package.




Similar Part No. - SN11030

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN1100 KNIGHTSBRIDGE-SN1100 Datasheet
141Kb / 1P
10A Fan Isolator Switch
5/03/2024
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11020F SONIX-SN11020F Datasheet
110Kb / 8P
USB to ATA/ATAPI/SD/MMC Interface Controller?
More results


Similar Description - SN11030

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
USB to Flash Interface Controller, Mass Storage Class Compliant
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
USB Mass Storage Class Bulk-Only Specification Compliant
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
West Bridge,Antioch,USB/Mass Storage Peripheral Controller
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
SD3??USB and Mass Storage Peripheral Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com