Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN11083 Datasheet (PDF) - SONiX Technology Company

SN11083 Datasheet PDF - SONiX Technology Company
Part # SN11083
Download  SN11083 Download
File Size   523.51 Kbytes
Page   7 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description USB to Flash Interface Controller, Mass Storage Class Compliant

SN11083 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN11083 Datasheet PDF - SONiX Technology Company

Part # SN11083
Download  SN11083 Click to download

File Size   523.51 Kbytes
Page   7 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description USB to Flash Interface Controller, Mass Storage Class Compliant

SN11083 Datasheet (HTML) - SONiX Technology Company


SN11083 Product details

General Description
SN11083 is a high-performance integrated circuit to bridge USB and Flash memory. It provides a flexible and cost efficient single chip solution for external storage applications that intend to utilize the convenience of USB. To help the system manufacturers to build high quality, low cost USB storage systems, several special features are implemented. The embedded translation table helps the system makers to design a high performance NAND type flash device but still keeps the cost low. The proprietary randomization algorithm effectively extends the lifetime of the flash memory, ensuring the robustness of the system. The real time ECC correction keeps the data integrity while still maintains the high data transfer rate.

Features
● 12 MHz USB 1.1 full-speed compatible.
● USB 1.1 Mass Storage Class compliant
● USB Mass Storage Class Bulk-Only Transport 1.0 supported
● USB Mass Storage Class SCSI transparent command set supported
● 12 characters of serial number and up to 28 characters of Vendor/Product/Revision supported with external EEPROM
● Support NAND-type flash memory, from 4Mbytes to 128 Mbytes
● Real-time ECC correction circuit to ensure the data integrity and accelerate the access speed for NAND-type flash.
● Built-in SRAM to support logical-to-physical address translation for NAND-type flash to reduce cost and increase performance and reliability
● Built-in FIFO for upstream and downstream data transfer
● Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average),
● LED lightening pin available.
● PC boot up capability provided (PC BIOS needs to support USB ZIP boot up) (version 2 only)
● No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
● Driver support Microsoft Windows 98
● Single 3.3V operation
● 48 pin LQFP package.




Similar Part No. - SN11083

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
More results


Similar Description - SN11083

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
USB Mass Storage Class Bulk-Only Specification Compliant
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
West Bridge,Antioch,USB/Mass Storage Peripheral Controller
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
SD3??USB and Mass Storage Peripheral Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com