Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN11088 Datasheet (PDF) - SONiX Technology Company

SN11088 Datasheet PDF - SONiX Technology Company
Part # SN11088
Download  SN11088 Download
File Size   655.37 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Third Generation USB1.1 Flash Memory Controller

SN11088 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN11088 Datasheet PDF - SONiX Technology Company

Part # SN11088
Download  SN11088 Click to download

File Size   655.37 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Third Generation USB1.1 Flash Memory Controller

SN11088 Datasheet (HTML) - SONiX Technology Company


SN11088 Product details

General Description
SN11088 is a high-performance integrated circuit to access the NAND type Flash memory via the USB 1.1 bus. It provides a flexible and cost efficient single chip solution for external storage applications such as USB Disk (Flash Disk). With the capability to be pin-to-pin compatible to SN11085/86/87, the current user of SN11085/86/87 can easily upgrade to SN11088 with no engineering effort needed at all. With all the features inherited from SN11085/86/87 like the low 6MHz system clock to reduce the EMI, the embedded translation table to eliminate the cost of external memory, the Sonix proprietary randomization algorithm to extend the lifetime of flash memory and ensure the product robustness, and the real time ECC correction function, the SN 11088 adds several other unique features to reduce the cost of the end product and meet the customer’s requirements.

Features
● USB 1.1 12 MHz full-speed compatible
● USB 1.1 Mass Storage Class compliant
● USB Mass Storage Class Bulk-Only Transport 1.0 supported
● USB Mass Storage Class SCSI transparent command set supported
● Low system clock (6MHz) to reduce EMI
● Customized VID, PID, serial number, and 28 characters of Vendor/Product/Revision string supported within flash.
● Support Samsung and Toshiba NAND-type flash memory, from 32Mbits to 1Gbits
● Support new type of Samsung NAND type flash memory, from 1Gbits to 8Gbits
● Support FDD/ZIP/HDD/CD-ROM format through Sonix mass production tool
● Real-time ECC correction circuit for data integrity and memory access speed acceleration
● Embedded SRAM for logical-to-physical address translation to extend the life time of NAND-type flash
● Support up to 8 NAND type flash memories are supported
● Support up to 4 Gbytes of disk capacity
● Embedded FIFO for upstream and downstream data transfer
● Built-in power MOS to meet USB suspend requirement (500 uA)
● Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average)
● LED indicator pin
● Three modes of LED flashing patterns can be selected
● Five speed of LED flashing speed provided
● PC boot up capability (host BIOS with USB boot up support is necessary)
● Flash disk security function provided, up to 16 characters of password for high sensitive data protection from illegally access
● Five types of security functions can be selected
● ROM-type flash disk capability provided (permanent write protect)
● No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
● Sonix Driver for Microsoft Windows 98/98SE
● Sonix Driver for Mac OS9
● Sonix mass production tool available for mass production
● Sonix security program available
● Sonix bonus programs available
● Single 3.3V operation
● 48 pin LQFP package




Similar Part No. - SN11088

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
USB to Flash Interface Controller, Mass Storage Class Compliant
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
More results


Similar Description - SN11088

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
logo
List of Unclassifed Man...
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
PREMO CORPORATION S.L
P038PP1CP1 PREMO-P038PP1CP1 Datasheet
110Kb / 1P
Third generation of planar transformers
P215FK3DX1 PREMO-P215FK3DX1 Datasheet
126Kb / 1P
Third generation of planar transformers
P264FB4DP PREMO-P264FB4DP Datasheet
128Kb / 1P
Third generation of planar transformers
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
Third Generation CCFL Controller
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689 Datasheet
309Kb / 14P
Third Generation CCFL Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com