Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN11087 Datasheet (PDF) - SONiX Technology Company

SN11087 Datasheet PDF - SONiX Technology Company
Part # SN11087
Download  SN11087 Download
File Size   227.39 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Second Generation USB1.1 Flash Memory Controller

SN11087 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN11087 Datasheet PDF - SONiX Technology Company

Part # SN11087
Download  SN11087 Click to download

File Size   227.39 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Second Generation USB1.1 Flash Memory Controller

SN11087 Datasheet (HTML) - SONiX Technology Company


SN11087 Product details

General Description
SN11087 is a high-performance integrated circuit to access the NAND type Flash memory via the USB 1.1 bus. It provides a flexible and cost efficient single chip solution for external storage applications such as USB Disk (Flash Disk). With the capability to be pin-to-pin compatible to SN11085, the current user of SN11085 can easily upgrade to SN11087 with no engineering effort needed at all. With all the features inherited from SN11085/086 like the low 6MHz system clock to reduce the EMI, the embedded translation table to eliminate the cost of external memory, the Sonix proprietary randomization algorithm to extend the lifetime of flash memory and ensure the product robustness, and the real time ECC correction function, the SN 11087 adds several other unique features to reduce the cost of the end product and meet the customer’s requirements.

Features
● USB 1.1 12 MHz full-speed compatible
● USB 1.1 Mass Storage Class compliant
● USB Mass Storage Class Bulk-Only Transport 1.0 supported
● USB Mass Storage Class SCSI transparent command set supported
● Low system clock (6MHz) to reduce EMI
● Customized VID, PID, serial number, and 28 characters of Vendor/Product/Revision string supported within flash or external EEPROM.
● EEPROM in system programmable (ISP) capability
● Support Samsung and Toshiba NAND-type flash memory, from 32Mbits to 1Gbits
● Support new type of Samsung NAND type flash memory, from 1Gbits to 4Gbits
● Real-time ECC correction circuit for data integrity and memory access speed acceleration
● Embedded SRAM for logical-to-physical address translation to extend the life time of NAND-type flash
● Support up to 8 NAND type flash memories are supported
● Support up to 2 Gbytes of disk capacity
● Embedded FIFO for upstream and downstream data transfer
● Built-in power MOS to meet USB suspend requirement (500 uA)
● Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average)
● LED indicator pin
● Three modes of LED flashing patterns can be selected
● Five speed of LED flashing speed provided
● PC boot up capability (host BIOS with USB boot up support is necessary)
● Flash disk security function provided, up to 16 characters of password for high sensitive data protection from illegally access
● Three types of security functions can be selected
● ROM-type flash disk capability provided (permanent write protect)
● No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
● Sonix Driver for Microsoft Windows 98
● Sonix mass production tool available for mass production
● Sonix security program available
● Sonix bonus programs available
● Single 3.3V operation
● 48 pin LQFP package




Similar Part No. - SN11087

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
USB to Flash Interface Controller, Mass Storage Class Compliant
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
More results


Similar Description - SN11087

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
SONiX Technology Compan...
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
logo
Freescale Semiconductor...
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
List of Unclassifed Man...
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Shenzhen Xinmao Microel...
LP8773 LANDP-LP8773 Datasheet
921Kb / 11P
Second generation pre-conversIon PWM controller
LP8773S LANDP-LP8773S Datasheet
922Kb / 11P
Second generation pre-conversIon PWM controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com