Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602 Datasheet (PDF) - SONiX Technology Company

SN8P1602 Datasheet PDF - SONiX Technology Company
Part # SN8P1602
Download  SN8P1602 Download
File Size   540.11 Kbytes
Page   94 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P1602 Datasheet PDF - SONiX Technology Company

Part # SN8P1602
Download  SN8P1602 Click to download

File Size   540.11 Kbytes
Page   94 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1602 Datasheet (HTML) - SONiX Technology Company


SN8P1602 Product details

GENERAL DESCRIPTION
The SN8P1600 series is an 8-bit micro-controller utilized CMOS technology and featured with low power consumption and high performance by its unique electronic structure.

FEATURES
♦ Memory configuration
    OTP ROM size: 1K * 16-bit. (SN8P1602/1603)
    RAM size: 48 * 8-bit. (SN8P1602/1603)
    OTP ROM size: 4K * 16-bit. (SN8P1604)
    RAM size: 128 * 8-bit. (SN8P1604)
♦ I/O pin configuration(SN8P1602/1603 14 pins, SN8P1604 22 pins)
    Input only: P0
    Bi-directional: P1, P2, P5
    Wakeup: P0, P1
    Pull-up resisters: P0, P1, P2, P5 (SN8P1604 only)
    External interrupt: P0
♦ One 8-bit timer counters. (TC1 for SN8P1604, TC0 for others)
♦ On chip watchdog timer.
♦ Four levels stack buffer.
♦ 56 powerful instructions
    Four clocks per instruction cycle
    All of instructions are one word length.
    Most of instructions are one cycle only.
    All ROM area lookup table function (MOVC)
♦ Two interrupt sources
    One internal interrupt: TC0. (SN8P1602/ 1603)
    One internal interrupt: TC1. (SN8P1604)
    One external interrupt: INT0.
♦ One channel 8-bits PWM or Buzzer output. (SN8P1604 only)
♦ Dual clock system offers three operating modes
    External high clock: RC type up to 10 MHz
    External high clock: Crystal type up to 16 MHz
    Internal low clock: RC type 16KHz(3V), 32KHz(5V)
    Normal mode: Both high and low clock active
    Slow mode: Low clock only
    Sleep mode: Both high and low clock stop
♦ Package (Chip form support)
    P-DIP18 (SN8P1602/ 1603)
    SOP18 (SN8P1602/1603)
    SSOP20 (SN8P1602/1603)
    SKDIP28 (SN8P1604)
    SOP28 (SN8P1604)




Similar Part No. - SN8P1602

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P1602 SONIX-SN8P1602 Datasheet
437Kb / 76P
8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
431Kb / 76P
8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
437Kb / 76P
8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
431Kb / 76P
8-Bit Micro-Controller
SN8P1602B SONIX-SN8P1602B Datasheet
437Kb / 76P
8-Bit Micro-Controller
More results


Similar Description - SN8P1602

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com