Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602 Datasheet (PDF) - SONiX Technology Company

SN8P1602 Datasheet PDF - SONiX Technology Company
Part # SN8P1602
Download  SN8P1602 Download
File Size   437.91 Kbytes
Page   76 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P1602 Datasheet PDF - SONiX Technology Company

Part # SN8P1602
Download  SN8P1602 Click to download

File Size   437.91 Kbytes
Page   76 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1602 Datasheet (HTML) - SONiX Technology Company


SN8P1602 Product details

GENERAL DESCRIPTION
The SN8P1602B is an 8-bit micro-controller utilized CMOS technology and featured with low power consumption and high performance by its unique electronic structure.
SN8P1602B is designed with the excellent IC structure including the program memory up to 1K-word OTP ROM, data memory of 48-bytes RAM, one 8-bit timer (TC0), a watchdog timer, two interrupt sources (TC0, INT0), and 4-level stack buffers. Besides, user can choose desired oscillator configuration for the controller. There are four external oscillator configurations to select for generating system clock, including High/Low speed crystal, ceramic resonator or cost-saving RC. SN8P1602B also includes an internal RC oscillator for slow mode controlled by programming.

FEATURES
♦ Memory configuration
   OTP ROM size: 1K * 16-bit.
   RAM size: 48 * 8-bit.
♦ I/O pin configuration
   Input only: P0
   Bi-directional: P1, P2,
   Wakeup: P0, P1
   Pull-up resistors: P0, P1, P2
   External interrupt: P0
♦ On chip watchdog timer.
♦ One 8-bit timer counters.
♦ 57 powerful instructions
   Four clocks per instruction cycle
   All of instructions are one word length.
   Most of instructions are one cycle only.
   Maximum instruction cycle is two.
   All ROM area JMP instruction.
   All ROM area lookup table function (MOVC)
♦ Two interrupt sources
   One internal interrupt: TC0.
   One external interrupt: INT0.
♦ Four levels stack buffer.
♦ Dual clock system offers four operating modes
   External high clock: RC type up to 10 MHz
   External high clock: Crystal type up to 16 MHz
   Internal low clock: RC type 16KHz(3V), 32KHz(5V)
   Normal mode: Both high and low clock active
   Slow mode: Low clock only
   Sleep mode: Both high and low clock stop
   Green mode: Periodical wakeup by timer.
♦ Package
   P-DIP18, SOP18, SSOP20.




Similar Part No. - SN8P1602

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P1602 SONIX-SN8P1602 Datasheet
540Kb / 94P
8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
431Kb / 76P
8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
431Kb / 76P
8-Bit Micro-Controller
SN8P1602AK SONIX-SN8P1602AK Datasheet
540Kb / 94P
8-Bit Micro-Controller
SN8P1602AP SONIX-SN8P1602AP Datasheet
540Kb / 94P
8-Bit Micro-Controller
More results


Similar Description - SN8P1602

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com