Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAD02C Datasheet (PDF) - SONiX Technology Company

SNAD02C Datasheet PDF - SONiX Technology Company
Part # SNAD02C
Download  SNAD02C Download
File Size   734.79 Kbytes
Page   27 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-CHANNEL 10-BIT ADC?

SNAD02C Datasheet (PDF)

Go To PDF Page Download Datasheet
SNAD02C Datasheet PDF - SONiX Technology Company

Part # SNAD02C
Download  SNAD02C Click to download

File Size   734.79 Kbytes
Page   27 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-CHANNEL 10-BIT ADC?

SNAD02C Datasheet (HTML) - SONiX Technology Company


SNAD02C Product details

GENERAL DESCRIPTION
SNAD02C is a low cost serial 10-bits ADC with 8 individual input channels. Each channel can be independently programmed to a digital or analog input mode. In the analog input mode, this single-ended channel accepts an analog input signal from 0 to VREF and converts the signal into 12-bit digital codes (with 10-bit accuracy guaranteed). In the digital input mode, the channel can be treated as digital input port and the logic level appears at the channel can be acquired. SNAD02C has a synchronous 3-wires serial interface. Through this interface, the host CPU can easily control SNAD02C.

FEATURES
♦ Single Supply: 2.7V ~ 5.25V
♦ Eight Analog/Digital Input Channels.
♦ Internal 1.17v Bandgap Reference for Battery Monitoring. (Channel 7)
♦ Low Power Consumption: typical operating current: 500uA @ 3V, Standby current <1uA.
♦ Up to 25kHz Conversion Rate.
♦ 12-bits ADC with 8-bit effective number of bits
♦ 3-Wire Serial Interface

APPLICATIONS
♦ Battery-Powered Systems
♦ Instrumentation
♦ Portable Data Logging
♦ Test Equipment
♦ Data Acquisition
♦ Process-Control Monitoring
♦ Digital Input Bus Extender




Similar Part No. - SNAD02C

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
8-CHANNEL 8-BIT ADC
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
8-CHANNEL 8-BIT ADC?
More results


Similar Description - SNAD02C

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
8-CHANNEL 8-BIT ADC
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
8-CHANNEL 8-BIT ADC?
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
ON Semiconductor
NCD9830 ONSEMI-NCD9830 Datasheet
215Kb / 16P
8-Bit, 8-Channel ADC
November, 2013 ??Rev. 3
logo
Analog Devices
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com