Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX192 Datasheet (PDF) - Maxim Integrated Products

MAX192 Datasheet PDF - Maxim Integrated Products
Part # MAX192
Download  MAX192 Download
File Size   201.46 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 8-Channel, Serial 10-Bit ADC

MAX192 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX192 Datasheet PDF - Maxim Integrated Products

Part # MAX192
Download  MAX192 Click to download

File Size   201.46 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 8-Channel, Serial 10-Bit ADC

MAX192 Datasheet (HTML) - Maxim Integrated Products


MAX192 Product details

General Description

The MAX192 is a low-cost, 10-bit data-acquisition system that combines an 8-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and ultra-low power consumption. The device operates with a single +5V supply. The analog inputs are software configurable for single-ended and differential (unipolar/bipolar) operation.



Features

♦ 8-Channel Single-Ended or 4-Channel Differential Inputs

♦ Single +5V Operation

♦ Low Power: 1.5mA (operating)

2µA (power-down)

♦ Internal Track/Hold, 133kHz Sampling Rate

♦ Internal 4.096V Reference

♦ 4-Wire Serial Interface is Compatible with SPI, QSPI, Microwire, and TMS320

♦ 20-Pin DIP, SO, SSOP Packages

♦ Pin-Compatible 12-Bit Upgrade (MAX186/MAX188)



Applications

Automotive

Pen-Entry Systems

Consumer Electronics

Portable Data Logging

Robotics

Battery-Powered Instruments, Battery

Management

Medical Instruments




Similar Part No. - MAX192

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1920ETT MAXIM-MAX1920ETT Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
More results


Similar Description - MAX192

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
8-CHANNEL 10-BIT ADC?
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com