Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1204 Datasheet (PDF) - Maxim Integrated Products

MAX1204 Datasheet PDF - Maxim Integrated Products
Part # MAX1204
Download  MAX1204 Download
File Size   170.75 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE

MAX1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1204 Datasheet PDF - Maxim Integrated Products

Part # MAX1204
Download  MAX1204 Click to download

File Size   170.75 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE

MAX1204 Datasheet (HTML) - Maxim Integrated Products


MAX1204 Product details

General Description
The MAX1204 is a 10-bit data-acquisition system specifically designed for use in applications with mixed +5V (analog) and +3V (digital) supply voltages. It operates with a single +5V analog supply or dual ±5V analog supplies, and combines an 8-channel multiplexer, internal track/hold, and serial interface with high conversion speed and low power consumption.

Features
♦ 8-Channel Single-Ended or 4-Channel Differential Inputs
♦ Operates from +5V Single or ±5V Dual Supplies
♦ User-Adjustable Output Logic Levels (2.7V to 5.25V)
♦ Low Power: 1.5mA (operating mode) 2µA (power-down mode)
♦ Internal Track/Hold, 133kHz Sampling Rate
♦ Internal 4.096V Reference
♦ SPI/Microwire/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar/Bipolar Inputs
♦ 20-Pin DIP/SSOP
♦ Pin-Compatible 12-Bit Upgrade: MAX1202

Applications
    5V/3V Mixed-Supply Systems
    Data Acquisition
    Process Control
    Battery-Powered Instruments
    Medical Instruments




Similar Part No. - MAX1204

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204ACAP MAXIM-MAX1204ACAP Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204ACPP MAXIM-MAX1204ACPP Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCAP MAXIM-MAX1204BCAP Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCPP MAXIM-MAX1204BCPP Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results


Similar Description - MAX1204

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com