Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1245 Datasheet (PDF) - Maxim Integrated Products

MAX1245 Datasheet PDF - Maxim Integrated Products
Part # MAX1245
Download  MAX1245 Download
File Size   152.49 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC

MAX1245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1245 Datasheet PDF - Maxim Integrated Products

Part # MAX1245
Download  MAX1245 Click to download

File Size   152.49 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC

MAX1245 Datasheet (HTML) - Maxim Integrated Products


MAX1245 Product details

General Description
The MAX1245 12-bit data-acquisition system combines an 8-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and ultra-low power consumption. It operates from a single +2.375V to +3.3V supply, and its analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation.

Features
♦ Single +2.375V to +3.3V Operation
♦ 8-Channel Single-Ended or 4-Channel Differential Analog Inputs
♦ Low Power: 0.8mA (100ksps) 10µA (1ksps) 1µA (power-down mode)
♦ Internal Track/Hold, 100kHz Sampling Rate
♦ SPI/QSPI/Microwire/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 20-Pin DIP/SSOP Packages

Applications
    Portable Data Logging
    Medical Instruments
    Battery-Powered Instruments
    Data Acquisition




Similar Part No. - MAX1245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245ACAP MAXIM-MAX1245ACAP Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245ACPP MAXIM-MAX1245ACPP Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245AEAP MAXIM-MAX1245AEAP Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245AEPP MAXIM-MAX1245AEPP Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
More results


Similar Description - MAX1245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
logo
Texas Instruments
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
logo
Texas Instruments
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com