Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3SB10 Datasheet (PDF) - Shanghai Sunrise Electronics

D3SB10 Datasheet PDF - Shanghai Sunrise Electronics
Part # D3SB10
Download  D3SB10 Download
File Size   16.74 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER

D3SB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
D3SB10 Datasheet PDF - Shanghai Sunrise Electronics

Part # D3SB10
Download  D3SB10 Click to download

File Size   16.74 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER

D3SB10 Datasheet (HTML) - Shanghai Sunrise Electronics


D3SB10 Product details

VOLTAGE: 100 TO 800V CURRENT: 4.0A



FEATURES

• Glass passivated junction chip

• Ideal for printed circuit board

• Reliable low cost construction utilizing molded plastic technique

• Surge overload rating: 120 A peak

• High temperature soldering guaranteed: 250℃/10sec/ 0.375" (9.5mm) lead length at 5 lbs tension



MECHANICAL DATA

• Terminal: Plated leads solderable per MIL-STD 202E, method 208C

• Case: UL-94 Class V-O recognized flame retardant epoxy

• Polarity: Polarity symbol marked on body

• Mounting position: Any




Similar Part No. - D3SB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D3SB10 LRC-D3SB10 Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB10 DACHANG-D3SB10 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
logo
Leshan Radio Company
D3SB10 LRC-D3SB10 Datasheet
239Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB10 DACHANG-D3SB10 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier
More results


Similar Description - D3SB10

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D15SB10 SSE-D15SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D5SB10 SSE-D5SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D8SB10 SSE-D8SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com