Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3SB10 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # D3SB10
Description  SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

D3SB10 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  D3SB10 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• Glass passivated junction chip
• Ideal for printed circuit board
• Reliable low cost construction utilizing
molded plastic technique
• Surge overload rating: 120 A peak
• High temperature soldering guaranteed:
250
oC/10sec/ 0.375" (9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
D3SB
10
D3SB
20
D3SB
40
D3SB
60
D3SB
80
UNITS
VRRM
100
200
400
600
800
V
VRMS
70
140
280
420
560
V
VDC
100
200
400
600
800
V
VF
V
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=125
oC
µA
Storage and Operating Junction Temperature
TSTG,TJ
oC
http://www.sse-diode.com
D3SB10 THRU D3SB80
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
500
120
Maximum Instantaneous Forward Voltage
(at forward current 2.0A DC)
IR
IFSM
SINGLE PHASE GLASS
PASSIVATED SIP BRIDGE RECTIFIER
VOLTAGE: 100 TO 800V CURRENT: 4.0A
-55 to + 150
RATINGS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for
capacitive load, derate current by 20%)
Maximum Average Forward Rectified Current
(Ta=50
oC)
IF(AV)
4.0
A
A
1.1
10
D3-SB
Dimensions in inches and (millimeters)
TECHNICAL
SPECIFICATION


Similar Part No. - D3SB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D3SB10 LRC-D3SB10 Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB10 DACHANG-D3SB10 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
logo
Leshan Radio Company
D3SB10 LRC-D3SB10 Datasheet
239Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB10 DACHANG-D3SB10 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier
More results

Similar Description - D3SB10

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D15SB10 SSE-D15SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D5SB10 SSE-D5SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D8SB10 SSE-D8SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com