Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8863T Datasheet (PDF) - Maxim Integrated Products

AX8863T Datasheet PDF - Maxim Integrated Products
Part # AX8863T
Download  AX8863T Download
File Size   469.1 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Dropout, 120mA Linear Regulators

AX8863T Datasheet (PDF)

Go To PDF Page Download Datasheet
AX8863T Datasheet PDF - Maxim Integrated Products

Part # AX8863T
Download  AX8863T Click to download

File Size   469.1 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Dropout, 120mA Linear Regulators

AX8863T Datasheet (HTML) - Maxim Integrated Products


AX8863T Product details

General Description
The MAX8863T/S/R and MAX8864T/S/R low-dropout linear regulators operate from a +2.5V to +6.5V input range and deliver up to 120mA. A PMOS pass transistor allows the low, 80μA supply current to remain independent of load, making these devices ideal for battery-operated portable equipment such as cellular phones, cordless phones, and modems.

Benefts and Features
● Low Cost
● Low, 55mV Dropout Voltage at 50mA IOUT
● Low, 68μA No-Load Supply Current Low, 80μA Operating Supply Current (even in dropout)
● Low, 350μVRMS Output Noise
● Miniature External Components
● Thermal Overload Protection
● Output Current Limit
● Reverse Battery Protection
● Dual Mode Operation: Fixed or Adjustable (1.25V to 6.5V) Output
● Low-Power Shutdown

Applications
● Cordless Telephones
● PCS Telephones
● Cellular Telephones
● PCMCIA Cards
● Modems
● Hand-Held Instruments
● Palmtop Computers
● Electronic Planners




Similar Part No. - AX8863T

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88613 ASIX-AX88613 Datasheet
865Kb / 20P
ASIX Multi-Port Ethernet Controller
AX88615 ASIX-AX88615 Datasheet
387Kb / 26P
5-Port 10/100BASE Ethernet Switch
AX88615P ASIX-AX88615P Datasheet
387Kb / 26P
5-Port 10/100BASE Ethernet Switch
AX88655AB ASIX-AX88655AB Datasheet
266Kb / 33P
5-Port 10/100/1000BASE-T Ethernet Switch
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
More results


Similar Description - AX8863T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com