Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8863T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # AX8863T
Description  Low-Dropout, 120mA Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AX8863T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button AX8863T Datasheet HTML 2Page - Maxim Integrated Products AX8863T Datasheet HTML 3Page - Maxim Integrated Products AX8863T Datasheet HTML 4Page - Maxim Integrated Products AX8863T Datasheet HTML 5Page - Maxim Integrated Products AX8863T Datasheet HTML 6Page - Maxim Integrated Products AX8863T Datasheet HTML 7Page - Maxim Integrated Products AX8863T Datasheet HTML 8Page - Maxim Integrated Products AX8863T Datasheet HTML 9Page - Maxim Integrated Products AX8863T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
6
_______________Detailed Description
The MAX8863/MAX8864 are low-dropout, low-quiescent-
current linear regulators designed primarily for battery-
powered applications. They supply an adjustable 1.25V to
6.5V output or a preselected 2.80V (MAX886_R), 2.84V
(MAX886_S), or 3.15V (MAX886_T) output for load currents
up to 120mA. As illustrated in Figure 1, these devices con-
sist of a 1.25V reference, error amplifier, MOSFET driver, P-
channel pass transistor, Dual Mode™ comparator, and
internal feedback voltage divider.
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares this
reference with the selected feedback voltage and amplifies
the difference. The MOSFET driver reads the error signal
and applies the appropriate drive to the P-channel pass
transistor. If the feedback voltage is lower than the refer-
ence, the pass-transistor gate is pulled lower, allowing more
current to pass and increasing the output voltage. If the
feedback voltage is too high, the pass-transistor gate is
pulled up, allowing less current to pass to the output.
The output voltage is fed back through either an internal
resistor voltage divider connected to the OUT pin, or an
external resistor network connected to the SET pin. The
Dual Mode comparator examines the SET voltage and
selects the feedback path. If SET is below 60mV, internal
feedback is used and the output voltage is regulated to the
preset output voltage. Additional blocks include a current
limiter, reverse battery protection, thermal sensor, and shut-
down logic.
SHUTDOWN
LOGIC
ERROR
AMP
1.25V
REF
P
N
*
OUT
SET
DUAL-MODE
COMPARATOR
60mV
* AUTO-DISCHARGE, MAX8864 ONLY
GND
IN
SHDN
MAX8863
MAX8864
MOS DRIVER
WITH ILIMIT
THERMAL
SENSOR
REVERSE
BATTERY
PROTECTION
______________________________________________________________Pin Description
Active-Low Shutdown Input. A logic low reduces the supply current to 0.1nA. On the MAX8864, a logic low
also causes the output voltage to discharge to GND. Connect to IN for normal operation.
SHDN
1
PIN
FUNCTION
NAME
GND
2
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane to max-
imize thermal dissipation.
3
Regulator Input. Supply voltage can range from +2.5V to +6.5V. Bypass with 1µF to GND (see
Capacitor
Selection and Regulator Stability).
OUT
4
Regulator Output. Fixed or adjustable from 1.25V to +6.5V. Sources up to 120mA. Bypass with a 1µF, <0.2
Ω
typical ESR capacitor to GND.
IN
SET
5
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage to the preset 2.80V
(MAX886_R), 2.84V (MAX886_S), or 3.15V (MAX886_T). Connect to an external resistor divider for
adjustable-output operation.
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com