Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST37VF512 Datasheet (PDF) - Silicon Storage Technology, Inc

SST37VF512 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST37VF512
Download  SST37VF512 Download
File Size   165.82 Kbytes
Page   16 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash

SST37VF512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST37VF512 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST37VF512
Download  SST37VF512 Click to download

File Size   165.82 Kbytes
Page   16 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash

SST37VF512 Datasheet (HTML) - Silicon Storage Technology, Inc


SST37VF512 Product details

PRODUCT DESCRIPTION

The SST37VF512/010/020/040 devices are 64K x8 / 128K x8 / 256K x8 / 512K x8 CMOS, Many-Time Programmable (MTP), low cost flash, manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST37VF512/010/020/040 can be electrically erased and programmed at least 1000 times using an external programmer, e.g., to change the contents of devices in inventory. The SST37VF512/010/020/040 have to be erased prior to programming. These devices conform to JEDEC standard pinouts for byte-wide flash memories.



FEATURES:

• Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8

• 2.7-3.6V Read Operation

• Superior Reliability

– Endurance: At least 1000 Cycles

– Greater than 100 years Data Retention

• Low Power Consumption:

– Active Current: 10 mA (typical)

– Standby Current: 2 µA (typical)

• Fast Read Access Time:

– 70 ns

– 90 ns

• Latched Address and Data

• Fast Byte-Program Operation:

– Byte-Program Time: 10 µs (typical)

– Chip Program Time:

   0.6 seconds (typical) for SST37VF512

   1.2 seconds (typical) for SST37VF010

   2.4 seconds (typical) for SST37VF020

   4.8 seconds (typical) for SST37VF040

• Electrical Erase Using Programmer

– Does not require UV source

– Chip-Erase Time: 100 ms (typical)

• CMOS I/O Compatibility

• JEDEC Standard Byte-wide Flash EEPROM Pinouts

• Packages Available

– 32-pin PLCC

– 32-pin TSOP (8mm x 14mm)

– 32-pin PDIP




Similar Part No. - SST37VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-NH SST-SST37VF512-70-3C-NH Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-NHE SST-SST37VF512-70-3C-NHE Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-PH SST-SST37VF512-70-3C-PH Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-WH SST-SST37VF512-70-3C-WH Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results


Similar Description - SST37VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com