Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97692 Datasheet (PDF) - Intersil Corporation

ISL97692 Datasheet PDF - Intersil Corporation
Part # ISL97692
Download  ISL97692 Download
File Size   1149.31 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97692 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97692 Datasheet PDF - Intersil Corporation

Part # ISL97692
Download  ISL97692 Click to download

File Size   1149.31 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97692 Datasheet (HTML) - Intersil Corporation


ISL97692 Product details

Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

The ISL97692, ISL97693, ISL97694A are Intersil’s highly integrated 4- and 6-channel LED drivers for display backlighting . These parts maximize battery life by featuring only 1mA quiescent current, and by operating down to 2.4V input voltage, with no need for higher voltage supplies.

Features
• 2.4V Minimum Input Voltage, No Need for Higher Voltage Supplies
• 4 Channels, up to 40mA Each (ISL97692) or 6 Channels, up to 30mA Each (ISL97693/4A)
• 90% Efficient at 6P5S, 3.7V and 20mA (ISL97693/4A)
• Low 0.8mA Quiescent Current
• PWM Dimming Control with Internally Generated Clock
    - 8-bit Resolution with Adjustable Dimming Frequency up to 30kHz (ISL97692/4A)
    - 12-bit Resolution with Adjustable Dimming Frequency up to 1.875kHz (ISL97694A)
    - Optional Automatic Channel Phase Shift (ISL97692/4A)
    - Linear Dimming from 0.025%~100% up to 5kHz or 0.4%~100% up to 30kHz (ISL97692/4A)
• Direct PWM Dimming with 0.005% Minimum Duty Cycle at 100Hz
• ±2.5% Output Current Matching
• Adjustable Switching Frequency from 400kHz to 1.5MHz

Applications
• Tablet, Notebook PC and Smart Phone Displays LED Backlighting




Similar Part No. - ISL97692

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97692 RENESAS-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Intersil Corporation
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-EVZ INTERSIL-ISL97692IIZ-EVZ Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-T INTERSIL-ISL97692IIZ-T Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
logo
Renesas Technology Corp
ISL97692IIZ-T RENESAS-ISL97692IIZ-T Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results


Similar Description - ISL97692

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Intersil Corporation
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
ISL97692 RENESAS-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com