Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF160 Datasheet (PDF) - Silicon Storage Technology, Inc

SST39VF160 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39VF160
Download  SST39VF160 Download
File Size   306.44 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x16) Multi-Purpose Flash

SST39VF160 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF160 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39VF160
Download  SST39VF160 Click to download

File Size   306.44 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x16) Multi-Purpose Flash

SST39VF160 Datasheet (HTML) - Silicon Storage Technology, Inc


SST39VF160 Product details

PRODUCT DESCRIPTION
The SST39LF/VF160 devices are 1M x16 CMOS Multi-Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39LF160 write (Program or Erase) with a 3.0-3.6V power supply. The SST39VF160 write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories.

FEATURES:
• Organized as 1M x16
• Single Voltage Read and Write Operations
   – 3.0-3.6V for SST39LF160
   – 2.7-3.6V for SST39VF160
• Superior Reliability
   – Endurance: 100,000 Cycles (typical)
   – Greater than 100 years Data Retention
• Low Power Consumption
   – Active Current: 15 mA (typical)
   – Standby Current: 4 µA (typical)
   – Auto Low Power Mode: 4 µA (typical)
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Fast Read Access Time
   – 55 ns for SST39LF160
   – 70 and 90 ns for SST39VF160
• Latched Address and Data
• Fast Erase and Word-Program
   – Sector-Erase Time: 18 ms (typical)
   – Block-Erase Time: 18 ms (typical)
   – Chip-Erase Time: 70 ms (typical)
   – Word-Program Time: 14 µs (typical)
   – Chip Rewrite Time: 15 seconds (typical) for SST39LF/VF160
• Automatic Write Timing
   – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bit
   – Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
   – Flash EEPROM Pinouts and command sets
• Packages Available
   – 48-lead TSOP (12mm x 20mm)
   – 48-ball TFBGA (6mm x 8mm)




Similar Part No. - SST39VF160

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF160 SST-SST39VF160 Datasheet
252Kb / 23P
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-70-4C-BK SST-SST39VF160-70-4C-BK Datasheet
252Kb / 23P
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-70-4C-EK SST-SST39VF160-70-4C-EK Datasheet
252Kb / 23P
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-70-4C-UK SST-SST39VF160-70-4C-UK Datasheet
252Kb / 23P
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-70-4I-BK SST-SST39VF160-70-4I-BK Datasheet
252Kb / 23P
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
More results


Similar Description - SST39VF160

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
32 Mbit (x16) Multi-Purpose Flash
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
4 Mbit (x16) Multi-Purpose Flash
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com