Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39SF512 Datasheet (PDF) - Silicon Storage Technology, Inc

SST39SF512 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39SF512
Download  SST39SF512 Download
File Size   269.2 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit (x8) Multi-Purpose Flash

SST39SF512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39SF512 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39SF512
Download  SST39SF512 Click to download

File Size   269.2 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit (x8) Multi-Purpose Flash

SST39SF512 Datasheet (HTML) - Silicon Storage Technology, Inc


SST39SF512 Product details

PRODUCT DESCRIPTION

The SST39SF512/010 are CMOS Multi-Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39SF512/010 devices write (Program or Erase) with a 5.0V-only power supply. The SST39SF512/010 device conforms to JEDEC standard pinouts for x8 memories.

Featuring high performance Byte-Program, the SST39SF512/010 devices provide a maximum Byte-Program time of 30 µsec. These devices use Toggle Bit or Data# Polling to indicate the completion of Program operation. To protect against inadvertent write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed endurance of 10,000 cycles. Data retention is rated at greater than 100 years.



FEATURES:

• Organized as 64K x8 / 128K x8

• Single 5.0V Read and Write Operations

• Superior Reliability

   – Endurance: 100,000 Cycles (typical)

   – Greater than 100 years Data Retention

• Low Power Consumption:

   – Active Current: 20 mA (typical)

   – Standby Current: 10 µA (typical)

• Sector-Erase Capability

   – Uniform 4 KByte sectors

• Fast Read Access Time:

   – 70 ns

   – 90 ns

• Latched Address and Data

• Fast Erase and Byte-Program:

   – Sector-Erase Time: 7 ms (typical)

   – Chip-Erase Time: 15 ms (typical)

   – Byte-Program Time: 20 µs (typical)

   – Chip Rewrite Time:

      2 seconds (typical) for SST39SF512

      3 seconds (typical) for SST39SF010

• Automatic Write Timing

   – Internal VPP Generation

• End-of-Write Detection

   – Toggle Bit

   – Data# Polling

• TTL I/O Compatibility

• JEDEC Standard

   – Flash EEPROM Pinouts and command sets

• Packages Available

   – 32-pin PLCC

   – 32-pin TSOP (8mm x 14mm)

   – 32-pin PDIP



 




Similar Part No. - SST39SF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF512 SST-SST39SF512 Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512-70-4C-NH SST-SST39SF512-70-4C-NH Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512-70-4C-NHE SST-SST39SF512-70-4C-NHE Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512-70-4C-PH SST-SST39SF512-70-4C-PH Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512-70-4C-WH SST-SST39SF512-70-4C-WH Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Similar Description - SST39SF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com