Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF024 Datasheet (PDF) - Silicon Storage Technology, Inc

SST48CF024 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST48CF024
Download  SST48CF024 Download
File Size   572.94 Kbytes
Page   60 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description CompactFlash Card

SST48CF024 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST48CF024 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST48CF024
Download  SST48CF024 Click to download

File Size   572.94 Kbytes
Page   60 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description CompactFlash Card

SST48CF024 Datasheet (HTML) - Silicon Storage Technology, Inc


SST48CF024 Product details

PRODUCT DESCRIPTION

SST’s CompactFlash (CF) card is an ultra-small, low cost, high performance, removable flash memory data storage system. This technology is well suited for solid state mass storage portable applications offering new and expanded functionality while enabling smaller and lighter designs.

CompactFlash technology is widely used in a variety of consumer products such as portable computers, digital cameras, handheld data collection scanners, Personal Digital Assistants (PDAs), handy terminals, audio players, monitoring devices and set-top boxes.



FEATURES:

• CompactFlash Association specification standard

• 8, 16, 24, 32, 48, 64, 96, 128, 192, and 256 MByte capacities

• Small Form Factor: 36.4 mm x 42.8 mm x 3.3 mm

• Supports 5.0-Volt and 3.3-Volt Read and Write

   – 4.5-5.5V, 3.135-3.465V for commercial

• PC Card ATA and True IDE interface

  – 512 Bytes sector

  – ATA command set compatible

• Low Power Consumption:

  – Active mode: 35 mA/55 mA (3.3V/5.0V)(typical)

  – Sleep mode: 100 µA/150 µA (3.3V/5.0V)(typical)

• Data Transfer Rate to/from Host

  – 20 MB/s burst at 5.0V

  – 6.6 MB/s burst at 3.3V

• High Performance

  –  Up to 1.4 MB/sec sustained write transfer rate(host to flash)

• Controller Overhead Command to DRQ

  – Less than 0.5 ms

• Zero Data Retention Power

  – Batteries not required for data storage

•Start Up Time

  – Sleep to Read: 200 ns

  – Sleep to Write: 200 ns

  – Reset to Ready: 50 ms typical, 400 ms Max.

• Support for Commercial Temperature Range

  – 0°C to +70°C for operating commercial

  – -25°C to +85°C non-operating (storage)

• Extremely Rugged and Reliable

  – Built-in ECC support corrects 3 random Bytes error per 512 Byte sector

  – 2000 G operating and non-operating shock

• Intelligent ATA/IDE Controller

  – Built-in microcontroller with intelligent firmware

  – 256 Bytes of attribute memory for storing CIS information

  – Supports multiple-sector Read/Write operation to enhance system performance

• Power Management Unit

  – Immediate disabling of unused circuitry




Similar Part No. - SST48CF024

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST4 BEL-SST4 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SST4 BEL-SST4 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST4 BEL-SST4 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Micross Components
SST401 MICROSS-SST401 Datasheet
282Kb / 1P
Linear Systems replaces discontinued Siliconix SST401
SST401_PDIP MICROSS-SST401_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results


Similar Description - SST48CF024

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
CompactFlash Card Controller
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
2004-05-18
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com