Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF024 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST48CF024
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF024 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST48CF024 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
9
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
TABLE
2-2: SIGNAL DESCRIPTION (1 OF 4)
Symbol
Type1
Pin
Name and Functions
A10 - A0
(PC Card Memory Mode)
I
8,10,11,12,
14,15,16,17,
18,19,20
These address lines along with the -REG signal are used to select
the following: The I/O port address registers within the Compact-
Flash card, the memory mapped port address registers within the
CompactFlash card, a byte in the card’s information structure and its
configuration control and status registers.
A10 - A0
(PC Card I/O Mode)
This signal is the same as the PC Card Memory Mode signal
A2 - A0
(True IDE Mode
I
18,19,20
In True IDE Mode only A[2:0] are used to select the one of eight (True
IDE Mode) registers in the Task File, the remaining address lines
should be grounded by the host.
BVD1
(PC Card Memory Mode)
I/O
46
This signal is asserted high as the BVD1 signal since a battery is not
used with this product.
-STSCHG
(PC Card I/O Mode)
This signal is asserted low to alert the host to changes in the RDY/-
BSY and Write Protect states, while the I/O interface is configured.
Its use is controlled by the Card Config and Status Register.
Status Changed -PDIAG
(True IDE Mode)
In the True IDE Mode, this input/output is the Pass Diagnostic signal
in the Master/Slave handshake protocol.
BVD2
(PC Card Memory Mode)
I/O
45
This output line is always driven to a high state in Memory Mode
since a battery is not required for this product.
-SPKR
(PC Card I/O Mode)
This output line is always driven to a high state in I/O Mode since this
product does not support the audio function.
-DASP
(True IDE Mode)
In the True IDE Mode, this input/output is the Disk Active/Slave
Present signal in the Master/Slave handshake protocol.
-CD1, -CD2
(PC Card Memory Mode)
O
26,25
These Card Detect pins are connected to ground on the Compact-
Flash card. They are used by the host to determine that the Com-
pactFlash card is fully inserted into its socket.
-CD1, -CD2
(PC Card I/O Mode)
This signal is the same for all modes.
-CD1, -CD2
(True IDE Mode)
This signal is the same for all modes.
-CE1, -CE2
(PC Card Memory Mode)
Card Enable
I
7,32
These input signals are used both to select the card and to indicate
to the card whether a byte or a word operation is being performed. -
CE2 always accesses the Odd Byte of the word. -CE1 accesses the
Even Byte or the Odd Byte of the word depending on A0 and -CE2. A
multiplexing scheme based on A0, -CE1, -CE2 allows 8 bit hosts to
access all data on D0-D7.
See Tables 2-11, 2-13, 2-16, 2-17, and 2-18.
-CE1, -CE2
(PC Card I/O Mode)
Card Enable
This signal is the same as the PC Card Memory Mode signal.
-CS0, -CS1
(True IDE Mode)
In the True IDE Mode CS0 is the chip select for the task file registers
while CS2 is used to select the Alternate Status Register and the
Device Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com