Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF024 Datasheet(PDF) 34 Page - Silicon Storage Technology, Inc

Part # SST48CF024
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF024 Datasheet(HTML) 34 Page - Silicon Storage Technology, Inc

Back Button SST48CF024 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF024 Datasheet HTML 38Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.1.5.2 Error Register (Address - 1F1H[171H]; Offset 1, 0DH Read Only)
This register contains additional information about the source of an error when an error is indicated in bit 0 of the
Status register. The bits are defined as follows:
This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and -CE1 high.
Bit 7 (BBK)
This bit is set when a Bad Block is detected.
Bit 6 (UNC)
This bit is set when an Uncorrectable Error is encountered.
Bit 5
This bit is 0.
Bit 4 (IDNF)
The requested sector ID is in error or cannot be found.
Bit 3
This bit is 0.
Bit 2 (Abort)
This bit is set if the command has been aborted because of a CompactFlash card status
condition: (Not Ready, Write Fault, etc.) or when an invalid command has been issued.
Bit 1
This bit is 0.
Bit 0 (AMNF) This bit is set in case of a general error.
3.1.5.3 Feature Register (Address - 1F1H[171H]; Offset 1, 0DH Write Only)
This register provides information regarding features of the CompactFlash card that the host can utilize. This register
is also accessed on data bits D15-D8 during a write operation to Offset 0 with -CE2 low and -CE1 high.
3.1.5.4 Sector Count Register (Address - 1F2H[172H]; Offset 2)
This register contains the numbers of sectors of data requested to be transferred on a read or write operation
between the host and the CompactFlash card. If the value in this register is zero, a count of 256 sectors is speci-
fied. If the command was successful, this register is zero at command completion. If not successfully completed,
the register contains the number of sectors that need to be transferred in order to complete the request.
3.1.5.5 Sector Number (LBA 7-0) Register (Address - 1F3H[173H]; Offset 3)
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA) for any CompactFlash
card data access for the subsequent command.
3.1.5.6 Cylinder Low (LBA 15-8) Register (Address - 1F4H[174H]; Offset 4)
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of then Logical Block Address.
3.1.5.7 Cylinder High (LBA 23-16) Register (Address - 1F5H[175H]; Offset 5)
This register contains the high order bits of the starting cylinder address or bits 23-16 of the Logical Block Address.
This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and -CE1 high.
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com