Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC5001T1 Datasheet (PDF) - Motorola, Inc

MDC5001T1 Datasheet PDF - Motorola, Inc
Part # MDC5001T1
Download  MDC5001T1 Download
File Size   188.9 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON SMALLBLOCK INTEGRATED CIRCUIT

MDC5001T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC5001T1 Datasheet PDF - Motorola, Inc

Part # MDC5001T1
Download  MDC5001T1 Click to download

File Size   188.9 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON SMALLBLOCK INTEGRATED CIRCUIT

MDC5001T1 Datasheet (HTML) - Motorola, Inc


MDC5001T1 Product details

Low Voltage Bias Stabilizer with Enable

• Maintains Stable Bias Current in N–Type Discrete Bipolar Junction and Field Effect Transistors
• Provides Stable Bias Using a Single Component Without Use of Emitter Ballast and Bypass Components
• Operates Over a Wide Range of Supply Voltages Down to 1.8 Vdc
• Reduces Bias Current Variation Due to Temperature and Unit–to–Unit Parametric Changes
• Consumes < 0.5 mW at VCC = 2.75 V
• Active High Enable is CMOS Compatible

This device provides a reference voltage and acts as a DC feedback element around an external discrete, NPN BJT or N–Channel FET. It allows the external transistor to have its emitter/source directly grounded and still operate with a stable collector/drain DC current. It is primarily intended to stabilize the bias of discrete RF stages operating from a low voltage regulated supply, but can also be used to stabilize the bias current of any linear stage in order to eliminate emitter/source bypassing and achieve tighter bias regulation over temperature and unit variations. The “ENABLE” polarity nulls internal current, Enable current, and RF transistor current in “STANDBY.” This device is intended to replace a circuit of three to six discrete components.

The combination of low supply voltage, low quiescent current drain, and small package make the MDC5001T1 ideal for portable communications applications such as:
• Cellular Telephones
• Pagers
• PCN/PCS Portables
• GPS Receivers
• PCMCIA RF Modems
• Cordless Phones
• Broadband and Multiband Transceivers and Other Portable Wireless Products




Similar Part No. - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
ON Semiconductor
MDC5001T1 ONSEMI-MDC5001T1 Datasheet
318Kb / 12P
Low Voltage Bias Stabilizer with Enable
February, 2005 ??Rev. XXX
More results


Similar Description - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5000T1 MOTOROLA-MDC5000T1 Datasheet
215Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Rohm
LM393MX ROHM-LM393MX Datasheet
283Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
LM2903PT ROHM-LM2903PT Datasheet
297Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
BD3481FS ROHM-BD3481FS Datasheet
296Kb / 6P
Silicon monolithic integrated circuit
BD3487FS ROHM-BD3487FS Datasheet
326Kb / 6P
Silicon Monolithic Integrated Circuit
BD3550HFN ROHM-BD3550HFN Datasheet
346Kb / 6P
Silicon Monolithic Integrated Circuit
BA6406F ROHM-BA6406F_11 Datasheet
88Kb / 5P
Silicon Monolithic Integrated Circuit
BD3520FVM ROHM-BD3520FVM_11 Datasheet
150Kb / 5P
Silicon Monolithic Integrated Circuit
BD4221NUX ROHM-BD4221NUX Datasheet
153Kb / 5P
Silicon Monolithic Integrated Circuit
BD6023AGU ROHM-BD6023AGU_09 Datasheet
151Kb / 5P
Silicon Monolithic Integrated Circuit
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com