Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC5001T1 Datasheet (PDF) - Leshan Radio Company

MDC5001T1 Datasheet PDF - Leshan Radio Company
Part # MDC5001T1
Download  MDC5001T1 Download
File Size   357.71 Kbytes
Page   10 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Low Voltage Bias Stabilizer with Enable

MDC5001T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC5001T1 Datasheet PDF - Leshan Radio Company

Part # MDC5001T1
Download  MDC5001T1 Click to download

File Size   357.71 Kbytes
Page   10 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Low Voltage Bias Stabilizer with Enable

MDC5001T1 Datasheet (HTML) - Leshan Radio Company


MDC5001T1 Product details

Low Voltage Bias Stabilizer with Enable

• Maintains Stable Bias Current in N–Type Discrete Bipolar Junction and Field Effect Transistors
• Provides Stable Bias Using a Single Component Without Use of Emitter Ballast and Bypass Components
• Operates Over a Wide Range of Supply Voltages Down to 1.8 Vdc
• Reduces Bias Current Variation Due to Temperature and Unit–to–Unit Parametric Changes
• Consumes <0.5 mW at V CC = 2.75 V
• Active High Enable is CMOS Compatible

This device provides a reference voltage and acts as a DC feedback element around an external discrete, NPN BJT or N–Channel FET. It allows the external transistor to have its emitter/source directly grounded and still operate with a stable collector/drain DC current. It is primarily intended to stabilize the bias of discrete RF stages operating from a low voltage regulated supply, but can also be used to stabilize the bias current of any linear stage in order to eliminate emitter/source bypassing and achieve tighter bias regulation over temperature and unit variations. The “ENABLE” polarity nulls internal current, Enable current, and RF transistor current in “STANDBY.” This device is intended to replace a circuit of three to six discrete components.

The combination of low supply voltage, low quiescent current drain, and small package make the MDC5001T1 ideal for portable communications applications such as:
• Cellular Telephones
• Pagers
• PCN/PCS Portables
• GPS Receivers
• PCMCIA RF Modems
• Cordless Phones
• Broadband and Multiband Transceivers and Other Portable Wireless Products.




Similar Part No. - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
ON Semiconductor
MDC5001T1 ONSEMI-MDC5001T1 Datasheet
318Kb / 12P
Low Voltage Bias Stabilizer with Enable
February, 2005 ??Rev. XXX
More results


Similar Description - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA33V FAIRCHILD-KA33V Datasheet
90Kb / 8P
Voltage Stabilizer
logo
List of Unclassifed Man...
TCA530 ETC-TCA530 Datasheet
267Kb / 7P
INTEGRATED VOLTAGE STABILIZER
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
Low Dropout 300mA Voltage Regulator with Enable
Revision 1.3 September 13, 2006
logo
Semtech Corporation
SC1541 SEMTECH-SC1541_09 Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
ON Semiconductor
MDC5001T1 ONSEMI-MDC5001T1 Datasheet
318Kb / 12P
Low Voltage Bias Stabilizer with Enable
February, 2005 ??Rev. XXX
KA33V ONSEMI-KA33V Datasheet
336Kb / 9P
Voltage Stabilizer
July 2013 Rev. 1.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com