Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL80A Datasheet (PDF) - OSRAM GmbH

IRL80A Datasheet PDF - OSRAM GmbH
Part # IRL80A
Download  IRL80A Download
File Size   159.45 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAs-Infrarot-Sendediode

IRL80A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL80A Datasheet PDF - OSRAM GmbH

Part # IRL80A
Download  IRL80A Click to download

File Size   159.45 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAs-Infrarot-Sendediode

IRL80A Datasheet (HTML) - OSRAM GmbH


IRL80A Product details

Features
• GaAs infrared emitting diode
• Clear plastic package with lateral emission
• Low cost plastic package
• Long term stability
• Wide beam (± 30°)
• Matches phototransistor LPT 80 A

Applications
• For a variety of manufacturing and monitoring applications which require beam interruption
• Light barriers




Similar Part No. - IRL80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
GaAs-Infrarot-Sendediode GaAs Infrared Emitter
More results


Similar Description - IRL80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
GaAs-Infrarot-Sendediode GaAs Infrared Emitter
IRL81A SIEMENS-IRL81A Datasheet
151Kb / 3P
GaAlAs-Infrarot-Sendediode GaAlAs Infrared Emitter
TDA4050 SIEMENS-TDA4050 Datasheet
193Kb / 5P
Infrarot-Vorverstarker
logo
ASM GmbH
IRC-PC21 ASM-SENSOR-IRC-PC21 Datasheet
308Kb / 2P
Infrarot-Temperatur-Messgerat
logo
OSRAM GmbH
IRL81A OSRAM-IRL81A Datasheet
182Kb / 7P
GaAlAs-Infrarot-Sendediode
logo
ASM GmbH
IRC-PE ASM-SENSOR-IRC-PE Datasheet
316Kb / 2P
Infrarot-Temperatur-Messger채t
IRC-PU2.2 ASM-SENSOR-IRC-PU2.2 Datasheet
294Kb / 2P
Infrarot-Temperatur-Messger채te
BF-30-I-A ASM-SENSOR-BF-30-I-A Datasheet
264Kb / 1P
Infrarot-Temperatur-Messger채te
BS ASM-SENSOR-BS Datasheet
137Kb / 2P
Infrarot-Temperatursensoren
logo
OSRAM GmbH
F0118G OSRAM-F0118G Datasheet
65Kb / 6P
GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
2003-04-10
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com