Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4860 Datasheet (PDF) - OSRAM GmbH

SFH4860 Datasheet PDF - OSRAM GmbH
Part # SFH4860
Download  SFH4860 Download
File Size   149.28 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs-Lumineszenzdiode (660 nm)

SFH4860 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4860 Datasheet PDF - OSRAM GmbH

Part # SFH4860
Download  SFH4860 Click to download

File Size   149.28 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs-Lumineszenzdiode (660 nm)

SFH4860 Datasheet (HTML) - OSRAM GmbH


SFH4860 Product details

Features:
• Fabricated in a liquid phase epitaxy process
• Cathode is electrically connected to the case
• High reliability
• Spectral match with silicon photodetectors
• Hermetically sealed package

Applications
• Photointerrupters
• IR remote control
• Sensor technology
• Light curtains




Similar Part No. - SFH4860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4860 SIEMENS-SFH4860 Datasheet
42Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
More results


Similar Description - SFH4860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
SFH4860 SIEMENS-SFH4860 Datasheet
42Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
GaAlAs-Lumineszenzdiode
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7222 OSRAM-SFH7222_12 Datasheet
167Kb / 11P
GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
GaAlAs Light Emitting Diode (660 nm)
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com