Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGP21N60E Datasheet (PDF) - Motorola, Inc

MGP21N60E Datasheet PDF - Motorola, Inc
Part # MGP21N60E
Download  MGP21N60E Download
File Size   127.77 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Insulated Gate Bipolar Transistor

MGP21N60E Datasheet (PDF)

Go To PDF Page Download Datasheet
MGP21N60E Datasheet PDF - Motorola, Inc

Part # MGP21N60E
Download  MGP21N60E Click to download

File Size   127.77 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Insulated Gate Bipolar Transistor

MGP21N60E Datasheet (HTML) - Motorola, Inc


MGP21N60E Product details

Insulated Gate Bipolar Transistor
N–Channel Enhancement–Mode Silicon Gate

This Insulated Gate Bipolar Transistor (IGBT) uses an advanced termination scheme to provide an enhanced and reliable high voltage–blocking capability. Its new 600 V IGBT technology is specifically suited for applications requiring both a high temperature short circuit capability and a low VCE(on). It also provides fast switching characteristics and results in efficient operation at high frequencies. This new E–series introduces an Energy–efficient, ESD protected, and short circuit rugged device.

• Industry Standard TO–220 Package
• High Speed: Eoff = 65 μJ/A typical at 125°C
• High Voltage Short Circuit Capability – 10 μs minimum at 125°C, 400 V
• Low On–Voltage 2.15 V typical at 20 A, 125°C
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes




Similar Part No. - MGP21N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP21N60E ONSEMI-MGP21N60E Datasheet
123Kb / 5P
Insulated Gate Bipolar Transistor
More results


Similar Description - MGP21N60E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WS IRF-IRG4BC40WS Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com