Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2002 Datasheet (PDF) - Sony Corporation

CXA2002 Datasheet PDF - Sony Corporation
Part # CXA2002
Download  CXA2002 Download
File Size   421.38 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-channel Recording/Playback Amplifier

CXA2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2002 Datasheet PDF - Sony Corporation

Part # CXA2002
Download  CXA2002 Click to download

File Size   421.38 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-channel Recording/Playback Amplifier

CXA2002 Datasheet (HTML) - Sony Corporation


CXA2002 Product details

Description
The CXA2002R is a bipolar IC developed as recording/playback amplifiers for Hi8 VCRs.

Features
• Recording/playback system
    • Wideband recording/playback amplifier for Hi8 VCR
    • Supports electronic volume (EVR) control (3V)
• Recording system
    • Recording amplifier feedback dumping circuit and its EVR control function facilitates printed circuit board design.
    • Five-input (Y, chroma, AFM, ATF and PCM) mix amplifier and EVR control function of Y and low band recording level
    • Ramp circuit for the recording amplifier output bias current
• Playback system
    • Playback amplifier feedback dumping circuit facilitates printed circuit board design.
    • Middle-band compensation circuit (middle tune) and independent adjustments of the center frequency, Q and boost by EVR
    • RFAGC and dropout detection circuits

Application
    8 mm VCR




Similar Part No. - CXA2002

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2000 SONY-CXA2000 Datasheet
694Kb / 48P
Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
Y/C/RGB/D for PAL/NTSC Color TVs
CXA2006 SONY-CXA2006 Datasheet
341Kb / 23P
Digital CCD Camera Head Amplifier
CXA2006Q SONY-CXA2006Q Datasheet
341Kb / 23P
Digital CCD Camera Head Amplifier
More results


Similar Description - CXA2002

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
Recording/playback and 2 W audio power amplifier
August 1987
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
Recording/Playback Amplifier for VHS VCRs
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
Switchless Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
VHS VTR Playback Head Amplifier Recording Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com