Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF2 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

31DF2 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # 31DF2
Download  31DF2 Download
File Size   1354.28 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Glass Passivated Ultrafast Recovery Rectifier

31DF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
31DF2 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # 31DF2
Download  31DF2 Click to download

File Size   1354.28 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Glass Passivated Ultrafast Recovery Rectifier

31DF2 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


31DF2 Product details

FEATURES
• High current capability
• The plastic material carries U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode

MECHANICAL DATA
* Case:JEDEC DO--27,molded plastic
* Polarity: Color band denotes cathode
* Weight: 0.041ounces,1.15 grams
* Mounting position: Any
* Terminals: Axial lead ,solderable per MIL-STD202,Method 208




Similar Part No. - 31DF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Nihon Inter Electronics...
31DF2 NIEC-31DF2 Datasheet
53Kb / 5P
Low Forward Voltage drop Diode
logo
Galaxy Semi-Conductor H...
31DF2 BILIN-31DF2 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
31DF2 SUNMATE-31DF2 Datasheet
117Kb / 2P
3.0A Axial Leaded Super Fast Rectifiers
logo
Diode Semiconductor Kor...
31DF2 DSK-31DF2 Datasheet
270Kb / 2P
SUPER FAST RECTIFIERS
More results


Similar Description - 31DF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Pan Jit International I...
1U1G PANJIT-1U1G_04 Datasheet
72Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_04 Datasheet
42Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_05 Datasheet
428Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_09 Datasheet
113Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_09 Datasheet
66Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
FUF5400 TAYCHIPST-FUF5400 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
logo
Pan Jit International I...
UF1010G-AU PANJIT-UF1010G-AU Datasheet
108Kb / 4P
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com