Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF2 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 31DF2
Description  Glass Passivated Ultrafast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

31DF2 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  31DF2 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 31DF2 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31DF2 THRU 31DF4
RATINGS AND CHARACTERISTIC CURVES
31DF2 THRU 31DF4
2 of 2
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
Tamb, ambient temperature (C)
10 mm. - 10 mm.
0
50
175
0
25
75
150
125
100
T = 25 ºC
j
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
40
20
0
1
Number of cycles at 60 Hz.
60
1
2
3
4
0.2
0.6
1.0
1.4
1.8
2.6
3.0
10
2
1
10
-1
10
-2
10
2
4
6
10
100
60
40
20
100
80
V , instantaneous forward voltage (V)
F
2.2
5
31DF2
31DF4
Glass Passivated Ultrafast Recovery Rectifier
200V-400V 3.0A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com