Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2066S Datasheet (PDF) - Sony Corporation

CXA2066S Datasheet PDF - Sony Corporation
Part # CXA2066S
Download  CXA2066S Download
File Size   196.52 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High Resolution Computer Display

CXA2066S Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2066S Datasheet PDF - Sony Corporation

Part # CXA2066S
Download  CXA2066S Click to download

File Size   196.52 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High Resolution Computer Display

CXA2066S Datasheet (HTML) - Sony Corporation


CXA2066S Product details

Description
The CXA2066S is a bipolar IC developed for high resolution computer displays.

Features
• Built-in wide band amplifier: 140MHz @ –3dB (Typ.)
• Input dynamic range: 1.0Vp-p (Typ.)
• High gain preamplifier (17dB)
• R, G, and B incorporated in a single package
• I2C bus control
   Contrast control
   Subcontrast control
   Brightness control
   OSD contrast control
   Cutoff control 4-channel DAC output
   2 blanking level modes (0.5V fixed and Pedestal –0.6V)
   ABL control pin
• Built-in sync separator for Sync on Green
• Built-in blanking mixing function
• Built-in OSD mixing function
• Video period detection function
• Built-in sharpness function
• Built-in VBLK synchronous DAC refresh system

Applications
   High resolution computer displays




Similar Part No. - CXA2066S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2060AS SONY-CXA2060AS Datasheet
50Kb / 2P
Achieving a Common Chassis Worldwide Y, C, and Synchronizing Signal Processing ICs
CXA2060BS SONY-CXA2060BS Datasheet
502Kb / 54P
Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
CXA2061 SONY-CXA2061 Datasheet
435Kb / 44P
Y/C/RGB/D for NTSC Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
Y/C/RGB/D for NTSC Color TVs
CXA2061S SONY-CXA2061S Datasheet
50Kb / 2P
Achieving a Common Chassis Worldwide Y, C, and Synchronizing Signal Processing ICs
More results


Similar Description - CXA2066S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
logo
Sony Corporation
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
Predriver for High Resolution Computer Displays
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
Preamplifier for High Resolution Computer Display
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
Preamplifier for High-Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
Preamplifier for High-Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
Preamplifier for High Resolution Computer Display
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
High Resolution Inspection, No Computer Required.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com