Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2067AS Datasheet (PDF) - Sony Corporation

CXA2067AS Datasheet PDF - Sony Corporation
Part # CXA2067AS
Download  CXA2067AS Download
File Size   211.05 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High-Resolution Computer Display

CXA2067AS Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2067AS Datasheet PDF - Sony Corporation

Part # CXA2067AS
Download  CXA2067AS Click to download

File Size   211.05 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High-Resolution Computer Display

CXA2067AS Datasheet (HTML) - Sony Corporation


CXA2067AS Product details

Description

The CXA2067AS is a bipolar IC developed for high-resolution computer displays.



Features

• Wide-band amplifier: 170 MHz@–3 dB (Typ)

• Input dynamic range: 1.0 Vp-p (typ)

• High gain preamplifier (17 dB)

• R, G and B in a single package (SDIP 30 pins)

• I2C bus control

   Contrast control

   Sub contrast control

   Brightness control

   OSD contrast control

   Cut-off control: 4 channels of DAC output

   2 blanking level modes(0.5 V fixed, pedestal –0.3 V)

• Sync separator for sync-on-green

• Blanking mixing function

• OSC mixing function

• Video interval detection function

• VBLK sync DAC refresh system

• 12 V power supply interlocked power saving function



Applications

    High-resolution computer displays


 




Similar Part No. - CXA2067AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2067 SONY-CXA2067 Datasheet
204Kb / 18P
Preamplifier for High-Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
Preamplifier for High-Resolution Computer Display
More results


Similar Description - CXA2067AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
logo
Sony Corporation
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
Predriver for High Resolution Computer Displays
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
Preamplifier for High Resolution Computer Display
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
Preamplifier for High-Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
Preamplifier for High Resolution Computer Display
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
High Resolution Inspection, No Computer Required.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com