Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN6631A Datasheet (PDF) - Sanyo Semicon Device

EN6631A Datasheet PDF - Sanyo Semicon Device
Part # EN6631A
Download  EN6631A Download
File Size   146.22 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel 13.5W BTL Audio Power Amplifier

EN6631A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6631A Datasheet PDF - Sanyo Semicon Device

Part # EN6631A
Download  EN6631A Click to download

File Size   146.22 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel 13.5W BTL Audio Power Amplifier

EN6631A Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - EN6631A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
20W 2-Channel BTL Power Amplifier
May, 2013
More results


Similar Description - EN6631A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
For General Audio 20W 2-Channel BTL Power Amplifier
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com