Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF69303 Datasheet (PDF) - Cypress Semiconductor

CYRF69303 Datasheet PDF - Cypress Semiconductor
Part # CYRF69303
Download  CYRF69303 Download
File Size   689.27 Kbytes
Page   69 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio-on-Chip LPstar

CYRF69303 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRF69303 Datasheet PDF - Cypress Semiconductor

Part # CYRF69303
Download  CYRF69303 Click to download

File Size   689.27 Kbytes
Page   69 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio-on-Chip LPstar

CYRF69303 Datasheet (HTML) - Cypress Semiconductor


CYRF69303 Product details

Functional Overview
The CYRF69303 is a complete Radio System-on-Chip device, providing a complete RF system solution with a single device and a few discrete components. The CYRF69303 is designed to implement low-cost wireless systems operating in the worldwide 2.4 GHz Industrial, Scientific, and Medical (ISM) frequency band (2.400 GHz to 2.4835 GHz).

Features
■ Radio System-on-Chip with built-in 8-bit MCU in a single device.
■ Operates in the unlicensed worldwide Industrial, Scientific, and Medical (ISM) band (2.400 GHz to 2.483 GHz).
■ On Air compatible with second generation radio WirelessUSB™ LP and PRoC LP.
■ Pin-to-pin compatible with PRoC LP except the pin 31 and pin 37.

Intelligent
■ M8C based 8-bit CPU, optimized for human interface devices (HID) applications
■ 256 bytes of SRAM
■ 8 Kbytes of flash memory with EEPROM emulation
■ In-system reprogrammable through D+/D– pins
■ CPU speed up to 12 MHz
■ 16-bit free running timer
■ Low power wakeup timer
■ 12-bit programmable interval timer with interrupts
■ Watchdog timer

Low Power
■ 21 mA operating current (Transmit at –5 dBm)
■ Sleep current less than 1 A
■ Operating voltage from 2.7 V to 3.6 V DC
■ Fast startup and fast channel changes
■ Supports coin cell operated applications

Reliable & Robust
■ Receive sensitivity typical –90 dBm
■ AutoRate™ - Dynamic Data Rate Reception
   ❐ Enables data reception for any of the supported bit rates automatically.
   ❐ DSSS (250 Kbps), GFSK (1 Mbps)
■ Operating temperature from 0 °C to 70 °C
■ Closed-loop frequency synthesis for minimal frequency drift

Simple Development
■ Auto transaction sequencer (ATS): MCU can remain in sleep state longer to save power
■ Framing, length, CRC16, and Auto ACK
■ Separate 16 byte transmit and receive FIFOs
■ Receive signal strength indication (RSSI)
■ Built-in serial peripheral interface (SPI) control while in Sleep Mode
■ Advanced development tools based on Cypress’s PSoC® tools
■ Flexible I/O
■ 2 mA source current on all GPIO pins. Configurable 8 mA or 50 mA/pin current sink on designated pins
■ Each GPIO pin supports high impedance inputs, configurable pull up, open drain output, CMOS/TTL inputs, and CMOS output
■ Maskable interrupts on all I/O pins

BOM Savings
■ Low external component count
■ Small footprint 40-pin QFN (6 mm × 6 mm)
■ GPIOs that require no external components
■ Operates off a single crystal

Applications
■ Wireless keyboards and mice
■ Presentation tools
■ Wireless gamepads
■ Remote controls
■ Toys
■ Fitness




Similar Part No. - CYRF69303

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69303-40LFXC CYPRESS-CYRF69303-40LFXC Datasheet
700Kb / 70P
Programmable Radio-on-Chip LPstar
CYRF69303-40LTXC CYPRESS-CYRF69303-40LTXC Datasheet
700Kb / 70P
Programmable Radio-on-Chip LPstar
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
Programmable Radio-on-Chip LPstar
More results


Similar Description - CYRF69303

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69313 CYPRESS-CYRF69313 Datasheet
799Kb / 80P
Programmable Radio-on-Chip LPstar
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313_13 Datasheet
810Kb / 81P
Programmable Radio-on-Chip LPstar
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com