Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3199 Datasheet (PDF) - Sony Corporation

CXA3199 Datasheet PDF - Sony Corporation
Part # CXA3199
Download  CXA3199 Download
File Size   161.77 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Wideband Pre-amplifier

CXA3199 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3199 Datasheet PDF - Sony Corporation

Part # CXA3199
Download  CXA3199 Click to download

File Size   161.77 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Wideband Pre-amplifier

CXA3199 Datasheet (HTML) - Sony Corporation


CXA3199 Product details

Description
The CXA3199TN is a wideband Pre-amplifier for VTR head.

Features
• Operate on single +3.3 V power supply
• Low power consumption
    Read : 45 mW
• Ultra small package
• Wideband (–3 dB) : 140 MHz (typ)
• Read amplifier emitter follower output featuring 380 times gain (typ).
• Low input capacitance : 3.0 pF
• Low input noise : 0.65 nV /√ Hz
• Read data outputs are high impedance in Power Saving Mode




Similar Part No. - CXA3199

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
More results


Similar Description - CXA3199

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
Wideband Pre-amplifier
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
Wideband Amplifier
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
Wideband Amplifier
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
Wideband Amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
Wideband Amplifier
REV. D
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
logo
Mini-Circuits
AVA-183MP-D+ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
Wideband Amplifier
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com