Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC2808 Datasheet (PDF) - Vishay Siliconix

BFC2808 Datasheet PDF - Vishay Siliconix
Part # BFC2808
Download  BFC2808 Download
File Size   103.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 mm Film Dielectric Trimmers

BFC2808 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFC2808 Datasheet PDF - Vishay Siliconix

Part # BFC2808
Download  BFC2808 Click to download

File Size   103.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 mm Film Dielectric Trimmers

BFC2808 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - BFC2808

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
Ø 7.5 mm Film Dielectric Trimmers
20-Jun-13
More results


Similar Description - BFC2808

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
Film Dielectric Trimmers
18-Oct-07
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
5 mm Film Dielectric Trimmers
11-Oct-07
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
Ø 7.5 mm Film Dielectric Trimmers
20-Jun-13
24327 VISHAY-24327 Datasheet
367Kb / 6P
10 mm Film Dielectric Trimmers
13-Jan-06
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC2809090 VISHAY-BFC2809090 Datasheet
120Kb / 5P
Film Dielectric Trimmers
04-Aug-15
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com