Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24327 Datasheet (PDF) - Vishay Siliconix

24327 Datasheet PDF - Vishay Siliconix
Part # 24327
Download  24327 Download
File Size   367.27 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 mm Film Dielectric Trimmers

24327 Datasheet (PDF)

Go To PDF Page Download Datasheet
24327 Datasheet PDF - Vishay Siliconix

Part # 24327
Download  24327 Click to download

File Size   367.27 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 mm Film Dielectric Trimmers

24327 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 24327

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24327123 TOSHIBA-24327123 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
24327153 TOSHIBA-24327153 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
24327180 TOSHIBA-24327180 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
24327180 TOSHIBA-24327180 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
24327223 TOSHIBA-24327223 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results


Similar Description - 24327

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC2808 VISHAY-BFC2808 Datasheet
103Kb / 6P
5 mm Film Dielectric Trimmers
11-Oct-07
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
Film Dielectric Trimmers
18-Oct-07
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
5 mm Film Dielectric Trimmers
11-Oct-07
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
Ø 7.5 mm Film Dielectric Trimmers
20-Jun-13
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC2809090 VISHAY-BFC2809090 Datasheet
120Kb / 5P
Film Dielectric Trimmers
04-Aug-15
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
logo
Vishay Siliconix
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
14S VISHAY-14S Datasheet
60Kb / 3P
Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
26-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com