Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3516 Datasheet (PDF) - Sony Corporation

CXA3516 Datasheet PDF - Sony Corporation
Part # CXA3516
Download  CXA3516 Download
File Size   1978.66 Kbytes
Page   110 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3-channel 8-bit 165MSPS A/D Converter Amplifier PLL

CXA3516 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3516 Datasheet PDF - Sony Corporation

Part # CXA3516
Download  CXA3516 Click to download

File Size   1978.66 Kbytes
Page   110 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3-channel 8-bit 165MSPS A/D Converter Amplifier PLL

CXA3516 Datasheet (HTML) - Sony Corporation


CXA3516 Product details

Description
The CXA3516R is a 3-channel 8-bit 165MSPS A/D converter with built-in amplifier and PLL developed for LCD projectors and LCD monitors.
The CXA3516R inputs RGB graphics signals from personal computers or others. After the input levels are controlled, the A/D conversion is performed with a clock generated by PLL.
The digital output levels are compatible with TTL.
This IC operates at a maximum conversion rate of 165MHz, and can support up to UXGA. Control register supports both I2C and 3-wire bus.

Features
• Supply voltage: 5V, 3.3V
• Power consumption: 1.8W typ. (165MSPS)
• 144-pin LQFP
• 3-ch AMP and PLL eliminate design time for mutual connections.

Applications
• LCD monitors
• LCD projectors
• Digital TVs
• PDPs




Similar Part No. - CXA3516

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
LCD Driver
More results


Similar Description - CXA3516

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
3-channel 8-bit D / A converter
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
fujitsu semiconductor
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
3-Channel 8-Bit RGB D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
Renesas Technology Corp
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com