Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40978 Datasheet (PDF) - fujitsu semiconductor

MB40978 Datasheet PDF - fujitsu semiconductor
Part # MB40978
Download  MB40978 Download
File Size   208.27 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 8-Bit RGB D/A Converter

MB40978 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40978 Datasheet PDF - fujitsu semiconductor

Part # MB40978
Download  MB40978 Click to download

File Size   208.27 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 8-Bit RGB D/A Converter

MB40978 Datasheet (HTML) - fujitsu semiconductor


MB40978 Product details

■ DESCRIPTION
The Fujitsu MB40978 is a 8-bit ultra high speed digital to analog converter for video frequency band fabricated by Fujitsu Advanced Bipolar Technology. Owing to adoption of RGB 3-channel input/output, it is suitable for digital TV, graphic display etc.

■ FEATURES
• Resolution : 8bits
• Linearity : ±0.2% max.
• Maximum Conversion Rate : 60MSPS min.
• Analog Output Voltage Range : VCC to VCC -1(V)
• Digital Input Voltage : TTL Compatible
• Single Power Supply Voltage : +5.0V
• Power Dissipation : 350mW typ.
• Package : Plastic DIP Package (Suffix: -P)
    : Plastic Flat Package (Suffix: -PFQ)




Similar Part No. - MB40978

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
3-Channel 10-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
MB40968V FUJITSU-MB40968V Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
More results


Similar Description - MB40978

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
CXD2304R SONY-CXD2304R Datasheet
249Kb / 15P
8-bit 20 MSPS RGB 3-Channel D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI20206 INTERSIL-HI20206 Datasheet
171Kb / 13P
Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI2304 INTERSIL-HI2304 Datasheet
137Kb / 11P
Triple 8-Bit, 20 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
October 25, 2005
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com