Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD1172 Datasheet (PDF) - Sony Corporation

CXD1172 Datasheet PDF - Sony Corporation
Part # CXD1172
Download  CXD1172 Download
File Size   364.32 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 6-bit 20MSPS Video A/D Converter (CMOS)

CXD1172 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1172 Datasheet PDF - Sony Corporation

Part # CXD1172
Download  CXD1172 Click to download

File Size   364.32 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 6-bit 20MSPS Video A/D Converter (CMOS)

CXD1172 Datasheet (HTML) - Sony Corporation


CXD1172 Product details

Description
CXD1172AM/AP is a 6-bit CMOS A/D converter for video use. The adoption of a 2-step parallel system achieves low consumption at a maximum conversion speed of 20MSPS minimum, 35MSPS typical.

Features
• Resolution: 6-bit ± 1/2LSB
• Max. sampling frequency: 20MSPS
• Low power consumption: 40mW (at 20MSPS typ.) (Reference current excluded)
• Built-in sampling and hold circuit.
• 3-state TTL compatible output.
• Power supply: 5V single
• Low input capacitance: 4pF
• Reference impedance: 250Ω (typ.)

Applications
    TV, VCR digital systems and a wide range of fields where high speed A/D conversion is required.




Similar Part No. - CXD1172

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
More results


Similar Description - CXD1172

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
8-bit 20MSPS Video A/D Converter with Clamp Function
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
9-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
10-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
6-Bit, 20MSPS, Video A/D Converter (CMOS)
September 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com