Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD1170 Datasheet (PDF) - Sony Corporation

CXD1170 Datasheet PDF - Sony Corporation
Part # CXD1170
Download  CXD1170 Download
File Size   145.67 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 6-bit 40MSPS High Speed D/A Converter

CXD1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1170 Datasheet PDF - Sony Corporation

Part # CXD1170
Download  CXD1170 Click to download

File Size   145.67 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 6-bit 40MSPS High Speed D/A Converter

CXD1170 Datasheet (HTML) - Sony Corporation


CXD1170 Product details

Description
The CXD1170M is a 6-bit 40MHz high speed D/A converter. The adoption of a current output system reduces power consumption to 80mW (200Ω load at 2Vp-p output).
This IC is suitable for digital TV and graphic display applications.

Features
• Resolution 6-bit
• Max. conversion speed 40MSPS
• Non linearity error within ±0.1LSB
• Low glitch noise
• TTL CMOS compatible input
• +5V single power supply
• Low power consumption 80mW (200Ω load at 2Vp-p output)




Similar Part No. - CXD1170

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
6-bit 20MSPS Video A/D Converter (CMOS)
More results


Similar Description - CXD1170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
8-BIT, 40MSPS, 40mW A/D CONVERTER
Oct-2000
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
Jun-2003
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
High Speed 6-Bit A/D Converter
REV.A
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
10-Bit, 40MSPS A/D Converter
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com