Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7431A Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL7431A Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL7431A
Download  BL7431A Download
File Size   132.32 Kbytes
Page   4 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description It can be used widely in intelligent public telephone area

BL7431A Datasheet (PDF)

Go To PDF Page Download Datasheet
BL7431A Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL7431A
Download  BL7431A Click to download

File Size   132.32 Kbytes
Page   4 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description It can be used widely in intelligent public telephone area

BL7431A Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL7431A Product details

Description
BL7431A is the memory card chip developed by Shanghai Belling Co.,Ltd.. The chip uses Shanghai Belling’s 1.2um CMOS & EEPROM process. It has 256 bits EEPROM(A type) or 512 bits EEPROM(B type) with logical encryption function, its contact configuration is in accordance to ISO standard 7816- 3(Synchronous Transmission). It can be used widely in intelligent public telephone area.

Features
• 256X 1bit E2PROM(A Type); 512 X 1bit E2PROM(B Type)
• Read and write by bit, erase by byte
• Logical encryption ensure the security of data and password
• Typical EEPROM program time is 5ms
• Operation Voltage: 5V
• Operation Current: <1mA
• Minimal Erase/Write Cycle: 105
• Data Retention: no less than 10 year
• In accordance to ISO standard 7816-3(Synchronous Transmission)




Similar Part No. - BL7431A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7430EC BELLING-BL7430EC Datasheet
137Kb / 4P
It has 104bits EEPROM with logical encryption and function
BL7432SM BELLING-BL7432SM Datasheet
237Kb / 8P
Low voltage Intelligent 2K bits EEPROM
More results


Similar Description - BL7431A

ManufacturerPart #DatasheetDescription
logo
Surge Components
C3H SURGE-C3H Datasheet
5Mb / 6P
Widely used in high voltage, high Frenquency circuit
logo
Sumida Corporation
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
CPFC8D55 SUMIDA-CPFC8D55_15 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
logo
Hotchip Technology Co.,...
HT4929E HOTCHIP-HT4929E Datasheet
958Kb / 6P
ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
logo
Murata Manufacturing Co...
BLT5BPT680LN1 MURATA1-BLT5BPT680LN1 Datasheet
374Kb / 3P
It can be used under the -55 ??to 150 ??usage environment
Last updated07/18/2022
PLT5BPH1015R6SN MURATA1-PLT5BPH1015R6SN_V01 Datasheet
397Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH2014R4SN MURATA1-PLT5BPH2014R4SN_V01 Datasheet
397Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH3013R7SN MURATA1-PLT5BPH3013R7SN_V01 Datasheet
398Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH5013R1SN MURATA1-PLT5BPH5013R1SN_V01 Datasheet
398Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
logo
SUNNY Computer Technolo...
YSDN240 SUNNY-YSDN240 Datasheet
244Kb / 6P
The series can widely used for industrial automation & control systems, varied equip- ments etc.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com